Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEAL100FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # SEAL100FP
Description  Sealed Conversion Board for Converting from 100-pin 0.65mm-pitch QFP (100P6S-A) or LCC (100D0) to 100-pin Standard Pitch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SEAL100FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  SEAL100FP Datasheet HTML 1Page - Renesas Technology Corp SEAL100FP Datasheet HTML 2Page - Renesas Technology Corp SEAL100FP Datasheet HTML 3Page - Renesas Technology Corp SEAL100FP Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
*All brand names and product names are trademarks or registered trademarks of their respective companies.
Function
The SEAL80FP is a board for converting the foot pattern of an MCU
with an 80-pin 0.8mm-pitch QFP (80P6-B or 80P6N-A) or LCC
(80D0) package to the standard pitch. Also, this board converts an
80P6-B, 80P6N-A or 80D0 IC socket foot pattern to the standard
pitch.
Application
The SEAL80FP is a standard pitch converter that is sealed on its
reverse side. It is used to connect an MCU or IC socket with an
80P6-B, 80P6N-A or 80D0 package to a standard pitch universal
board, etc. Since there is a mounting pattern for flat packages on the
board, it allows mask-ROM or PROM MCUs or 80-pin QFP/LCC
IC sockets to be mounted in place directly.
Dimensions
43.18(D)×38.10(W)×0.17(T)mm
Foot Pattern Reference Dimensions
[Ordering Information] See Appendix H "Ordering Information".
SEAL80FP
Sealed Conversion Board for Converting from 80-pin 0.8mm-pitch QFP
(80P6-B or 80P6N-A) or LCC (80D0) to 80-pin Standard Pitch



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com