Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7142 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # SH7142
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7142 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button SH7142 Datasheet HTML 69Page - Renesas Technology Corp SH7142 Datasheet HTML 70Page - Renesas Technology Corp SH7142 Datasheet HTML 71Page - Renesas Technology Corp SH7142 Datasheet HTML 72Page - Renesas Technology Corp SH7142 Datasheet HTML 73Page - Renesas Technology Corp SH7142 Datasheet HTML 74Page - Renesas Technology Corp SH7142 Datasheet HTML 75Page - Renesas Technology Corp SH7142 Datasheet HTML 76Page - Renesas Technology Corp SH7142 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 1108 page
background image
Section 3 MCU Operating Modes
Rev. 3.00 Oct. 06, 2008 Page 49 of 1080
REJ09B0230-0300
Section 3 MCU Operating Modes
3.1
Selection of Operating Modes
This LSI has three MCU operating modes and three on-chip flash memory programming modes.
The operating mode is determined by the setting of FWE, MD1, and MD0 pins. Table 3.1 shows
the allowable combinations of these pin settings; do not set these pins in the other way than the
shown combinations.
When power is applied to the system, be sure to conduct power-on reset.
The MCU operating mode can be selected from MCU extension modes 0 and 2 and single chip
mode. For the on-chip flash memory programming mode, boot mode, user boot mode, and user
program mode which are on-chip programming modes are available.
Table 3.1
Selection of Operating Modes
Pin Setting
Mode No. FWE
MD1
MD0
Mode Name
On-Chip ROM
Bus Width of CS0 Space
Mode 0
0
0
0
MCU extension mode 0
Not active
8
Mode 2
0
1
0
MCU extension mode 2
Active
Set by CS0BCR in BSC
Mode 3
0
1
1
Single chip mode
Active
⎯
Mode 4*
1
0
0
Boot mode
Active
⎯
Mode 5*
1
0
1
User boot mode
Active
Set by CS0BCR in BSC
Mode 6*
1
1
0
User program mode
Active
Set by CS0BCR in BSC
Mode 7*
1
1
1
—
Note:
*
Flash memory program mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com