Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7142 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7142
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7142 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7142 Datasheet HTML 82Page - Renesas Technology Corp SH7142 Datasheet HTML 83Page - Renesas Technology Corp SH7142 Datasheet HTML 84Page - Renesas Technology Corp SH7142 Datasheet HTML 85Page - Renesas Technology Corp SH7142 Datasheet HTML 86Page - Renesas Technology Corp SH7142 Datasheet HTML 87Page - Renesas Technology Corp SH7142 Datasheet HTML 88Page - Renesas Technology Corp SH7142 Datasheet HTML 89Page - Renesas Technology Corp SH7142 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 1108 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 3.00 Oct. 06, 2008 Page 62 of 1080
REJ09B0230-0300
4.3
Clock Operating Mode
Table 4.3 shows the clock operating mode of this LSI.
Table 4.3
Clock Operating Mode
Clock I/O
Clock Operating
Mode
Source
Output
PLL Circuit
Input to Divider
1
EXTAL input or
crystal resonator
CK*
ON (
×8)
×8
Note:
*
To output the clock through the clock output (CK) pin, appropriate settings should be
made in the pin function controller (PFC). For details, refer to section 18, Pin Function
Controller (PFC).
Mode 1: The frequency of the external clock input from the EXTAL pin is multiplied by 8 in the
PLL circuit before being supplied to the on-chip modules in this LSI, which eliminates the need to
generate a high-frequency clock outside the LSI. Since the input clock frequency ranging from
8 MHz to 10 MHz can be used, the internal clock (I
φ) frequency ranges from 10 MHz to 80 MHz.
Maximum operating frequencies:
I
φ = 80 MHz, Bφ = 40 MHz, Pφ = 40 MHz, MIφ = 80 MHz, and MPφ = 40 MHz
(T
opr = -40 to +85°C)
Maximum operating frequencies:
I
φ = 64 MHz, Bφ = 32 MHz, Pφ = 32 MHz, MIφ = 64 MHz, and MPφ = 32 MHz
(T
opr = −40 to +125°C)
Table 4.4 shows the frequency division ratios that can be specified with FRQCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com