Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7201 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 35Page - Renesas Technology Corp SH7201 Datasheet HTML 36Page - Renesas Technology Corp SH7201 Datasheet HTML 37Page - Renesas Technology Corp SH7201 Datasheet HTML 38Page - Renesas Technology Corp SH7201 Datasheet HTML 39Page - Renesas Technology Corp SH7201 Datasheet HTML 40Page - Renesas Technology Corp SH7201 Datasheet HTML 41Page - Renesas Technology Corp SH7201 Datasheet HTML 42Page - Renesas Technology Corp SH7201 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 1196 page
background image
Section 1 Overview
Rev. 2.00 Sep. 07, 2007 Page 11 of 1164
REJ09B0321-0200
1.5
Pin Functions
Table 1.3 lists the pin functions.
Table 1.3
Pin Functions
Classification
Symbol
I/O
Name
Function
VCCR
I
Power supply for
internal step-
down circuit
Power supply pin for the internal
step-down circuit. This pin must be
connected to the system power
supply. This LSI does not operate
correctly if this pin is left open.
VSSR
I
Ground for
internal step-
down circuit
Ground pin for the internal step-
down circuit. This pin must be
connected to the system power
supply (0 V). This LSI does not
operate correctly if this pin is left
open.
VCL
I
Capacitor
connected pin for
internal step-
down circuit
Pin for connecting an external
capacitor for the internal step-down
circuit. This pin should be connected
to the VSS via the external capacitor
(place closer to this pin).
VSS
I
Ground for
internal step-
down circuit
Ground pin for the internal step-
down circuit used for stabilize
internal step-down power supply.
This pin should be connected to the
VCL via the external capacitor (place
closer to this pin)
PVCC
I
Power supply for
I/O circuits
Power supply pins for I/O pins. All
the PVCC pins must be connected to
the system power supply. This LSI
does not operate correctly if there is
a pin left open.
Power supply
PVSS
I
Ground for I/O
circuits
Ground pins for I/O pins. All the
PVSS pins must be connected to the
system power supply (0 V). This LSI
does not operate correctly if there is
a pin left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com