Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7201 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 45Page - Renesas Technology Corp SH7201 Datasheet HTML 46Page - Renesas Technology Corp SH7201 Datasheet HTML 47Page - Renesas Technology Corp SH7201 Datasheet HTML 48Page - Renesas Technology Corp SH7201 Datasheet HTML 49Page - Renesas Technology Corp SH7201 Datasheet HTML 50Page - Renesas Technology Corp SH7201 Datasheet HTML 51Page - Renesas Technology Corp SH7201 Datasheet HTML 52Page - Renesas Technology Corp SH7201 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 1196 page
background image
Section 2 CPU
Rev. 2.00 Sep. 07, 2007 Page 21 of 1164
REJ09B0321-0200
Bit
Bit Name
Initial
Value
R/W
Description
31 to 15
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
14
BO
0
R/W
BO Bit
Indicates that a register bank has overflowed.
13
CS
0
R/W
CS Bit
Indicates that, in CLIP instruction execution, the value
has exceeded the saturation upper-limit value or fallen
below the saturation lower-limit value.
12 to 10
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
9
M
—
R/W
8
Q
—
R/W
M Bit
Q Bit
Used by the DIV0S, DIV0U, and DIV1 instructions.
7 to 4
I[3:0]
1111
R/W
Interrupt Mask Level
3, 2
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
1
S
—
R/W
S Bit
Specifies a saturation operation for a MAC instruction.
0
T
—
R/W
T Bit
True/false condition or carry/borrow bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com