Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW6NC90 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW6NC90
Description  N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH™ III MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW6NC90 Datasheet(HTML) 1 Page - STMicroelectronics

  STW6NC90 Datasheet HTML 1Page - STMicroelectronics STW6NC90 Datasheet HTML 2Page - STMicroelectronics STW6NC90 Datasheet HTML 3Page - STMicroelectronics STW6NC90 Datasheet HTML 4Page - STMicroelectronics STW6NC90 Datasheet HTML 5Page - STMicroelectronics STW6NC90 Datasheet HTML 6Page - STMicroelectronics STW6NC90 Datasheet HTML 7Page - STMicroelectronics STW6NC90 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
October 2000
STW6NC90Z
N-CHANNEL 900V - 2.1
Ω - 5.2A TO-247
Zener-Protected PowerMESH™III MOSFET
s
TYPICAL RDS(on) = 2.1Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
GATE-TO-SOURCE ZENER DIODES
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
The third generation of MESH OVERLAY™ Power
MOSFETs for very high voltage exhibits unsur-
passed on-resistance per unit area while integrating
back-to-back Zener diodes between gate and
source. Such arrangement gives extra ESD capabil-
ity with higher ruggedness performance as request-
ed by a large variety of single-switch applications.
APPLICATIONS
s
SINGLE-ENDED SMPS IN MONITORS,
COMPUTER AND INDUSTRIAL APPLICATION
s
WELDING EQUIPMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
(1)ISD ≤5.2A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
TYPE
VDSS
RDS(on)
ID
STW6NC90Z
900 V
< 2.5
Ω
5.2A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
900
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
900
V
VGS
Gate- source Voltage
±25
V
ID
Drain Current (continuos) at TC = 25°C
5.2
A
ID
Drain Current (continuos) at TC = 100°C
3.3
A
IDM (1)
Drain Current (pulsed)
21
A
PTOT
Total Dissipation at TC = 25°C
160
W
Derating Factor
1.52
W/°C
IGS
Gate-source Current (*)
±50
mA
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=15K
Ω)
4KV
dv/dt
Peak Diode Recovery voltage slope
3
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(*) Limited by maximum temperature allowed
TO-247


Similar Part No. - STW6NC90

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW6NC90Z ISC-STW6NC90Z Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW6NC90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5NC90Z STMICROELECTRONICS-STP5NC90Z Datasheet
516Kb / 13P
N-CHANNEL 900V - 2.1ohm - 4.6A TO-220/FP/D²PAK/I²PAK Zener-Protected PowerMESH™ II MOSFET
Dec-2002
STW5NB90 STMICROELECTRONICS-STW5NB90 Datasheet
85Kb / 8P
N - CHANNEL 900V - 2.3ohm - 5.6A - TO-247 PowerMESH MOSFET
Mar-1999
STW6NB90 STMICROELECTRONICS-STW6NB90 Datasheet
51Kb / 5P
N - CHANNEL 900V - 1.7ohm - 6.3A - TO-247 PowerMESH MOSFET
Feb-1999
STW7NC80Z STMICROELECTRONICS-STW7NC80Z Datasheet
248Kb / 8P
N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH™ III MOSFET
Jul-2000
STW7NC90Z STMICROELECTRONICS-STW7NC90Z Datasheet
243Kb / 8P
N-CHANNEL 900V - 1.55ohm - 6A TO-247 Zener-Protected PowerMESH™ III MOSFET
May-2001
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH™ II MOSFET
Jul-2000
STW9NB90 STMICROELECTRONICS-STW9NB90 Datasheet
87Kb / 8P
N-CHANNEL 900V - 0.85ohm - 9.7A - TO-247 PowerMESH MOSFET
Jul-1999
STW9NC80Z STMICROELECTRONICS-STW9NC80Z Datasheet
248Kb / 8P
N-CHANNEL 800V - 0.82ohm - 9.4A TO-247 Zener-Protected PowerMESH™ II MOSFET
Sep-2002
STW15NK90Z STMICROELECTRONICS-STW15NK90Z Datasheet
208Kb / 9P
N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET
Apr-2004
STW11NK90Z STMICROELECTRONICS-STW11NK90Z Datasheet
239Kb / 12P
N-channel 900V - 0.82OHM - 9.2A - TO-247 Zener-protected SuperMESH Power MOSFET
25-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com