Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2G Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # R8C2G
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2G Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button R8C2G Datasheet HTML 89Page - Renesas Technology Corp R8C2G Datasheet HTML 90Page - Renesas Technology Corp R8C2G Datasheet HTML 91Page - Renesas Technology Corp R8C2G Datasheet HTML 92Page - Renesas Technology Corp R8C2G Datasheet HTML 93Page - Renesas Technology Corp R8C2G Datasheet HTML 94Page - Renesas Technology Corp R8C2G Datasheet HTML 95Page - Renesas Technology Corp R8C2G Datasheet HTML 96Page - Renesas Technology Corp R8C2G Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 344 page
background image
R8C/2G Group
8. I/O Ports
Rev.1.00
Apr 04, 2008
Page 73 of 318
REJ09B0387-0100
Figure 8.7
Registers PINSR2, PINSR3, and PINSR4
Pin Select Register 2
Symbol
Address
After Reset
PINSR2
00F6h
00h
Bit Symbol
Bit Name
Function
RW
TRAO pin select bit
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
TRAOSEL
0 : P3_0
1 : P3_7
TRBOSEL
—
(b7)
0 : P3_1
1 : P1_3
TRBO pin select bit
—
(b5)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
RW
RW
—
—
—
—
(b3-b0)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
b7 b6 b5 b4
b0
b3 b2 b1
Pin Select Register 3
Symbol
Address
After Reset
PINSR3
00F7h
00h
Bit Symbol
Bit Name
Function
RW
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
—
(b7-b6)
—
TREOSEL
—
(b4-b0)
TREO pin select bit
RW
b7 b6 b5 b4
b0
0 : P6_0
1 : P0_4
b3 b2 b1
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Pin Select Register 4
Symbol
Address
After Reset
PINSR4
02FBh
00h
Bit Symbol
Bit Name
Function
RW
KI0
____
pin select bit
KI1
____
pin select bit
TREO pin select 2 bit
b0
0 : Voltage monitor 1, voltage monitor 2
1 : Comparator 1, comparator 2
b3 b2 b1
b7 b6 b5 b4
RW
COMPSEL
TRFOSEL
000
TRFO11 pin select bit
0 : P3_4
1 : P3_7
Voltage monitor/comparator
select bit
RW
RW
RW
RW
RW
KI0SEL
0 : P1_0
1 : P0_7
—
(b6-b4)
TREOSEL2
Set to 0.
Reserved bits
KI1SEL
0 : P1_1
1 : P6_6
0 : TREOSEL bit in PINSR3 register enabled
1 : P6_5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com