Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2G Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R8C2G
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2G Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R8C2G Datasheet HTML 10Page - Renesas Technology Corp R8C2G Datasheet HTML 11Page - Renesas Technology Corp R8C2G Datasheet HTML 12Page - Renesas Technology Corp R8C2G Datasheet HTML 13Page - Renesas Technology Corp R8C2G Datasheet HTML 14Page - Renesas Technology Corp R8C2G Datasheet HTML 15Page - Renesas Technology Corp R8C2G Datasheet HTML 16Page - Renesas Technology Corp R8C2G Datasheet HTML 17Page - Renesas Technology Corp R8C2G Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 344 page
background image
B - 1
NOTE:
1.
The blank regions are reserved. Do not access locations in these
regions.
Address
Register
Symbol
Page
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
85
0005h
Processor Mode Register 1
PM1
85
0006h
System Clock Control Register 0
CM0
89
0007h
System Clock Control Register 1
CM1
90
0008h
0009h
000Ah
Protect Register
PRCR
107
000Bh
000Ch
System Clock Select Register
OCD
91
000Dh
Watchdog Timer Reset Register
WDTR
139
000Eh
Watchdog Timer Start Register
WDTS
139
000Fh
Watchdog Timer Control Register
WDC
139
0010h
Address Match Interrupt Register 0
RMAD0
128
0011h
0012h
0013h
Address Match Interrupt Enable Register
AIER
128
0014h
Address Match Interrupt Register 1
RMAD1
128
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
Count Source Protection Mode Register
CSPR
140
001Dh
001Eh
001Fh
0020h
High-Speed On-Chip Oscillator Control Register 0 HRA0
92
0021h
High-Speed On-Chip Oscillator Control Register 1 HRA1
92
0022h
High-Speed On-Chip Oscillator Control Register 2 HRA2
92
0023h
0024h
0025h
0026h
0027h
0028h
Clock Prescaler Reset Flag
CPSRF
93
0029h
High-Speed On-Chip Oscillator Control Register 4 FRA4
93
002Ah
002Bh
High-Speed On-Chip Oscillator Control Register 6 FRA6
93
002Ch
002Dh
002Eh
BGR Trimming Auxiliary Register A
BGRTRMA
48
002Fh
BGR Trimming Auxiliary Register B
BGRTRMB
48
0030h
0031h
Voltage Detection Register 1
VCA1
35, 49
0032h
Voltage Detection Register 2
VCA2
35, 49, 94
0033h
0034h
0035h
0036h
Voltage Monitor 1 Circuit Control Register
VW1C
37, 50
0037h
Voltage Monitor 2 Circuit Control Register
VW2C
38, 51
0038h
Voltage Monitor 0 Circuit Control Register
VW0C
36
0039h
003Ah
003Bh
Voltage Detection Circuit External Input Control
Register
VCAB
52
003Ch
Comparator Mode Register
ALCMR
52
003Dh
Voltage Monitor Circuit Edge Select Register
VCAC
39, 53
003Eh
BGR Control Register
BGRCR
53
003Fh
BGR Trimming Register
BGRTRM
54
Address
Register
Symbol
Page
0040h
0041h
Comparator 1 Interrupt Control Register
VCMP1IC
113
0042h
Comparator 2 Interrupt Control Register
VCMP2IC
113
0043h
0044h
0045h
0046h
0047h
0048h
0049h
004Ah
Timer RE Interrupt Control Register
TREIC
113
004Bh
UART2 Transmit Interrupt Control Register S2TIC
113
004Ch
UART2 Receive Interrupt Control Register
S2RIC
113
004Dh
Key Input Interrupt Control Register
KUPIC
113
004Eh
004Fh
0050h
Compare 1 Interrupt Control Register
CMP1IC
113
0051h
UART0 Transmit Interrupt Control Register S0TIC
113
0052h
UART0 Receive Interrupt Control Register
S0RIC
113
0053h
0054h
0055h
INT2 Interrupt Control Register
INT2IC
114
0056h
Timer RA Interrupt Control Register
TRAIC
113
0057h
0058h
Timer RB Interrupt Control Register
TRBIC
113
0059h
INT1 Interrupt Control Register
INT1IC
114
005Ah
005Bh
Timer RF Interrupt Control Register
TRFIC
113
005Ch
Compare 0 Interrupt Control Register
CMP0IC
113
005Dh
INT0 Interrupt Control Register
INT0IC
114
005Eh
INT4 Interrupt Control Register
INT4IC
114
005Fh
Capture Interrupt Control Register
CAPIC
113
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
006Ah
006Bh
006Ch
006Dh
006Eh
006Fh
0070h
0071h
0072h
0073h
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
007Ch
007Dh
007Eh
007Fh
SFR Page Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com