Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2H Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # R8C2H
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  367 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 75Page - Renesas Technology Corp R8C2H Datasheet HTML 76Page - Renesas Technology Corp R8C2H Datasheet HTML 77Page - Renesas Technology Corp R8C2H Datasheet HTML 78Page - Renesas Technology Corp R8C2H Datasheet HTML 79Page - Renesas Technology Corp R8C2H Datasheet HTML 80Page - Renesas Technology Corp R8C2H Datasheet HTML 81Page - Renesas Technology Corp R8C2H Datasheet HTML 82Page - Renesas Technology Corp R8C2H Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 367 page
background image
R8C/2H Group, R8C/2J Group
7. Comparator
Rev.1.00
Mar 28, 2008
Page 59 of 341
REJ09B0388-0100
Figure 7.6
VCAB Register
Figure 7.7
ALCMR Register
Voltage Detection Circuit External Input Control Register(1)
Symbol
Address
After Reset
VCAB
003Bh
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
—
(b4-b0)
Reserved bits
Set to 0.
RW
b0
0
0: Supply voltage (VCC)
1: VCMP1 pin input voltage
b3 b2
0
b1
0
0
VCAB5
b7 b6 b5 b4
0
VCMP1 comparison voltage external
input select bit
RW
RW
0: Internal reference voltage
1: CVREF pin input voltage
RW
Set the PRC3 bit in the PRCR register to 1 (w rite enabled) before rew riting the VCAB register.
Comparator circuit reference voltage
select bit
VCAB6
VCMP2 comparison voltage external
input select bit
0: Supply voltage (VCC)
1: VCMP2 pin input voltage
VCAB7
Comparator Mode Register
Symbol
Address
After Reset
ALCMR
003Ch
00h
Bit Symbol
Bit Name
Function
RW
b3 b2
LCM2POR
b0
LCM1POR
b1
b7 b6 b5 b4
VCOUT2 output polarity select
bit
RW
VCOUT1 output polarity select
bit
0: Non-inverted comparator 1 comparison
result is output to VCOUT1
1: Inverted comparator 1 comparison
result is output to VCOUT1
RW
0: Non-inverted comparator 2 comparison
result is output to VCOUT2
1: Inverted comparator 2 comparison
result is output to VCOUT2
0: Non-maskable interrupt
1: Maskable interrupt
Comparator 1 interrupt type
select bit
VCOUT2 output enable bit
0: Output disabled
1: Output enabled
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
—
(b7-b6)
—
RW
IRQ1SEL
CM1OE
VCOUT1 output enable bit
0: Output disabled
1: Output enabled
RW
CM2OE
RW
IRQ2SEL
Comparator 2 interrupt type
select bit
0: Non-maskable interrupt
1: Maskable interrupt
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com