Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2H Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # R8C2H
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  367 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 89Page - Renesas Technology Corp R8C2H Datasheet HTML 90Page - Renesas Technology Corp R8C2H Datasheet HTML 91Page - Renesas Technology Corp R8C2H Datasheet HTML 92Page - Renesas Technology Corp R8C2H Datasheet HTML 93Page - Renesas Technology Corp R8C2H Datasheet HTML 94Page - Renesas Technology Corp R8C2H Datasheet HTML 95Page - Renesas Technology Corp R8C2H Datasheet HTML 96Page - Renesas Technology Corp R8C2H Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 367 page
background image
R8C/2H Group, R8C/2J Group
8. I/O Ports
Rev.1.00
Mar 28, 2008
Page 73 of 341
REJ09B0388-0100
8.1
Functions of I/O Ports
The PDi_j (j = 0 to 7) bit in the PDi (i = 1, 3, 4, 6) register controls I/O of the following: Ports P1, P3_3, P3_7,
P4_3, P4_5, P6_3 to P6_5 in the R8C/2H Group and ports P1, P3_3, P3_7, P4_5, and P6_5 in the R8C/2J Group.
The Pi register consists of a port latch to hold output data and a circuit to read pin states.
Figures 8.1 to 8.3 show the Configurations of I/O Ports. Table 8.3 lists the Functions of I/O Ports. Also, Figure 8.5
shows the PDi (i = 1, 3, 4, or 6) Register (R8C/2H Group). Figure 8.6 shows the Pi (i = 1, 3, 4, or 6) Register (R8C/
2H Group), Figure 8.7 shows the PDi (i = 1, 3, 4, or 6) Register (R8C/2J Group), Figure 8.8 shows the Pi (i = 1, 3,
4, or 6) Register (R8C/2J Group), Figure 8.9 shows Registers PINSR2 and PINSR4, Figure 8.10 shows the PMR
Register, Figure 8.11 shows Registers PUR0 and PUR1.
i = 1, 3, 4, 6, j = 0 to 7
NOTE:
1. In the R8C/2H Group, nothing is assigned to bits PD4_0 to PD4_2, PD4_6, PD4_7, PD6_1, PD6_2,
and PD6_7. Bits PD3_0 to PD3_2, PD3_4 to PD3_6, PD6_0, and PD6_6 are reserved.
In the R8C/2J Group, nothing is assigned to bits PD4_0 to PD4_2, PD4_6, PD4_7, PD6_1, PD6_2,
and PD6_7. Bits PD3_0 to PD3_2, PD3_4 to PD3_6, PD4_3, PD4_4, PD6_0, PD6_3, PD6_4, and
PD6_6 are reserved.
8.2
Effect on Peripheral Functions
I/O ports function as I/O ports for peripheral functions (refer to Table 1.5 Pin Name Information by Pin Number
of R8C/2H Group and Table 1.6 Pin Name Information by Pin Number of R8C/2J Group).
Table 8.4 lists the Setting of PDi_j Bit when Functioning as I/O Ports for Peripheral Functions (i = 1, 3, 4, 6, j = 0
to 7). Refer to the description of each function for information on how to set peripheral functions.
NOTE:
1. In the R8C/2H Group, nothing is assigned to bits PD4_0 to PD4_2, PD4_6, PD4_7, PD6_1, PD6_2,
and PD6_7. Bits PD3_0 to PD3_2, PD3_4 to PD3_6, PD6_0, and PD6_6 are reserved.
In the R8C/2J Group, nothing is assigned to bits PD4_0 to PD4_2, PD4_6, PD4_7, PD6_1, PD6_2,
and PD6_7. Bits PD3_0 to PD3_2, PD3_4 to PD3_6, PD4_3, PD4_4, PD6_0, PD6_3, PD6_4, and
PD6_6 are reserved.
8.3
Pins Other than Programmable I/O Ports
Figure 8.4 shows the Configuration of I/O Pins.
Table 8.3
Functions of I/O Ports
Operation When
Accessing
Pi Register
Value of PDi_j Bit in PDi Register(1)
When PDi_j Bit is Set to 0 (Input Mode)
When PDi_j Bit is Set to 1 (Output Mode)
Reading
Read pin input level
Read the port latch
Writing
Write to the port latch
Write to the port latch. The value written to
the port latch is output from the pin.
Table 8.4
Setting of PDi_j Bit when Functioning as I/O Ports for Peripheral Functions (i = 1, 3, 4, 6, j = 0 to 7)
I/O of Peripheral Functions
PDi_j Bit Settings for Shared Pin Functions(1)
Input
Set this bit to 0 (input mode).
Output
This bit can be set to either 0 or 1 (output regardless of the port setting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com