Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C84 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M32C84
Description  16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  529 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C84 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M32C84 Datasheet HTML 35Page - Renesas Technology Corp M32C84 Datasheet HTML 36Page - Renesas Technology Corp M32C84 Datasheet HTML 37Page - Renesas Technology Corp M32C84 Datasheet HTML 38Page - Renesas Technology Corp M32C84 Datasheet HTML 39Page - Renesas Technology Corp M32C84 Datasheet HTML 40Page - Renesas Technology Corp M32C84 Datasheet HTML 41Page - Renesas Technology Corp M32C84 Datasheet HTML 42Page - Renesas Technology Corp M32C84 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 529 page
background image
Page 18
1. Overview
5
9
4
f
o
5
0
0
2
,
7
0
.
l
u
J
1
0
.
1
.
v
e
R
1
0
1
0
-
6
3
0
0
B
9
0
J
E
R
)
T
4
8
/
C
2
3
M
,
4
8
/
C
2
3
M
(
p
u
o
r
G
4
8
/
C
2
3
M
Supply
Classsfication
Symbol
I/O Type
Function
Voltage
AN150 to AN157
P110 to P114
P120 to P127
P130 to P137
P140 to P146
P150 to P157
A/D Converter
I/O Ports
I
I/O
I/O
VCC1
VCC2
VCC1
Analog input pins for the A/D converter
I/O ports having equivalent functions to P0
I/O ports having equivalent functions to P0
I : Input
O : Output
I/O : Input and output
Table 1.6 Pin Description (144-Pin Package only) (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com