Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C84 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # M32C84
Description  16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  529 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C84 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button M32C84 Datasheet HTML 82Page - Renesas Technology Corp M32C84 Datasheet HTML 83Page - Renesas Technology Corp M32C84 Datasheet HTML 84Page - Renesas Technology Corp M32C84 Datasheet HTML 85Page - Renesas Technology Corp M32C84 Datasheet HTML 86Page - Renesas Technology Corp M32C84 Datasheet HTML 87Page - Renesas Technology Corp M32C84 Datasheet HTML 88Page - Renesas Technology Corp M32C84 Datasheet HTML 89Page - Renesas Technology Corp M32C84 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 529 page
background image
Page 65
5
9
4
f
o
5
0
0
2
,
7
0
.
l
u
J
1
0
.
1
.
v
e
R
1
0
1
0
-
6
3
0
0
B
9
0
J
E
R
8. Bus
)
T
4
8
/
C
2
3
M
,
4
8
/
C
2
3
M
(
p
u
o
r
G
4
8
/
C
2
3
M
8.2.3 Read and Write Signals
_____
______
When using a16-bit data bus, the PM02 bit in the PM0 register selects a combination of the "RD, WR and
________
_____
________
_________
BHE" signals or the "RD, WRL and WRH" signals to determine the read or write signal. When the DS3 to
_____ ______ ________
DS0 bits in the DS register are set to "0" (8-bit data bus), set the PM02 bit to "0" (RD/WR/BHE). When
any of the DS3 to DS0 bits are set to "1" (16-bit data bus) to access an 8-bit space, the combination of
_____
______
________
"RD, WR and BHE" is automatically selected regardless of the PM02 bit setting. Tables 8.3 and 8.4 list
each signal operation.
_____
______
________
The RD, WR and BHE signals are combined for the read or write signal after reset.
_____
________
_________
When changing the combination of "RD, WRL and WRH", set the PM02 bit first to write data to an external
memory.
_____
________
_________
Table 8.3 RD, WRL and WRH Signals
Status of External Data Bus
RD
BHE
WR
HL
L
LHL
HLH
LH
H
Write 1-byte data to odd address
Read 1-byte data from odd address
Write 1-byte data to even address
Read 1-byte data from even address
Data Bus
A0
H
H
L
L
HL
L
L
LHL
L
HL
H / L
LH
H / L
8 Bits
Write data to both even and odd addresses
Read data from both even and odd addresses
Write 1-byte data
Read 1-byte data
16 Bits
Not used
Not used
Status of External Data Bus
Read data
Write 1-byte data to even address
Write 1-byte data to odd address
Write data to both even and odd addresses
WRH
WRL
RD
Data Bus
16 Bits
H
H
H
H
L
H
L
H
H
L
L
L
H
H(1)
L(1)
L
Not used
Write 1-byte data
Read 1-byte data
Not used
8 Bits
NOTES:
______
_______
1. The WR signal is used instead of the WRL signal.
_____
______
________
Table 8.4 RD, WR and BHE Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com