Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C85 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M32C85
Description  16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  542 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C85 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M32C85 Datasheet HTML 69Page - Renesas Technology Corp M32C85 Datasheet HTML 70Page - Renesas Technology Corp M32C85 Datasheet HTML 71Page - Renesas Technology Corp M32C85 Datasheet HTML 72Page - Renesas Technology Corp M32C85 Datasheet HTML 73Page - Renesas Technology Corp M32C85 Datasheet HTML 74Page - Renesas Technology Corp M32C85 Datasheet HTML 75Page - Renesas Technology Corp M32C85 Datasheet HTML 76Page - Renesas Technology Corp M32C85 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 542 page
background image
Page 50
4
9
4
f
o
5
0
0
2
,
1
0
.
l
u
J
3
0
.
1
.
v
e
R
3
0
1
0
-
7
3
0
0
B
9
0
J
E
R
6. Voltage Detection Circuit
)
T
5
8
/
C
2
3
M
,
5
8
/
C
2
3
M
(
p
u
o
r
G
5
8
/
C
2
3
M
6. Voltage Detection Circuit
The voltage detection circuit consists of the reset level detection circuit and the low voltage detection circuit.
The reset level detection circuit monitors the voltage applied to the VCC1 pin. The microcomputer is reset if
the reset level detection circuit detects VCC1 is Vdet3 or below. This circuit is disabled when the microcom-
puter is in stop mode.
The voltage detection circuit also monitors the voltage applied to the VCC1 pin. The low voltage detection
signal is generated when the low voltage detection circuit detects VCC1 is above or below Vdet4. This
signal generates the low voltage detection interrupt. The VC13 bit in the VCR1 register determines whether
VCC1 is above or below Vdet4.
The voltage detection circuit is available when VCC1=4.2V to 5.5V.
Figure 6.1 shows a block diagram of the voltage detection circuit.
The voltage detection circuit in M32C/85T cannot be used.
However, the cold start-up/warm start-up determine function is available.
NOTE
Figure 6.1 Voltage Detection Circuit Block Diagram
b7 b6
VCR2 Register
RESET
CM10 Bit=1
(Stop Mode)
+
≥Vdet3
+
≥Vdet4
E
Noise Rejection
Low Voltage
Detection Signal
b3
VCR1 Register
VC13 Bit
>T
Q
1 shot
td(S-R)
Internal Reset Signal
("L" active)
Wait Time to Release
Brown-out Detection
Reset
E
VCC1
Low Voltage
Detection Circuit
Reset Level
Detection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com