Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C85 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M32C85
Description  16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  542 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C85 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M32C85 Datasheet HTML 17Page - Renesas Technology Corp M32C85 Datasheet HTML 18Page - Renesas Technology Corp M32C85 Datasheet HTML 19Page - Renesas Technology Corp M32C85 Datasheet HTML 20Page - Renesas Technology Corp M32C85 Datasheet HTML 21Page - Renesas Technology Corp M32C85 Datasheet HTML 22Page - Renesas Technology Corp M32C85 Datasheet HTML 23Page - Renesas Technology Corp M32C85 Datasheet HTML 24Page - Renesas Technology Corp M32C85 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 542 page
background image
Quick Reference by Address
B-8
Address
Register
Page
02E016 X/Y Control Register (XYC)
268
02E116
02E216
02E316
02E416 UART1 Special Mode Register 4 (U1SMR4)
199
02E516 UART1 Special Mode Register 3 (U1SMR3)
198
02E616 UART1 Special Mode Register 2 (U1SMR2)
197
02E716 UART1 Special Mode Register (U1SMR)
196
02E816 UART1 Transmit/Receive Mode Register (U1MR)
194
02E916 UART1 Bit Rate Register (U1BRG)
02EA16
UART1 Transmit Buffer Register (U1TB)
193
02EB16
02EC16 UART1 Transmit/Receive Control Register 0 (U1C0)
195
02ED16 UART1 Transmit/Receive Control Register 1 (U1C1)
196
02EE16
UART1 Receive Buffer Register (U1RB)
193
02EF16
02F016
02F116
02F216
02F316
02F416 UART4 Special Mode Register 4 (U4SMR4)
199
02F516 UART4 Special Mode Register 3 (U4SMR3)
198
02F616 UART4 Special Mode Register 2 (U4SMR2)
197
02F716 UART4 Special Mode Register (U4SMR)
196
02F816 UART4 Transmit/Receive Mode Register (U4MR)
194
02F916 UART4 Bit Rate Register (U4BRG)
02FA16
UART4 Transmit Buffer Register (U4TB)
193
02FB16
02FC16 UART4 Transmit/Receive Control Register 0 (U4C0)
195
02FD16 UART4 Transmit/Receive Control Register 1 (U4C1)
196
02FE16
UART4 Receive Buffer Register (U4RB)
193
02FF16
030016 Timer B3,B4,B5 Count Start Flag (TBSR)
173
030116
030216
Timer A1-1 Register (TA11)
030316
030416
Timer A2-1 Register (TA21)
186
030516
030616
Timer A4-1 Register (TA41)
030716
030816 Three-Phase PWM Control Register 0 (INVC0)
183
030916 Three-Phase PWM Control Register 1 (INVC1)
184
030A16 Three-Phase Output Buffer Register 0 (IDB0)
185
030B16 Three-Phase Output Buffer Register 1 (IDB1)
030C16 Dead Time Timer (DTT)
185
030D16 Timer B2 Interrupt Generating Frequency Set Counter (ICTB2)
186
030E16
030F16
Address
Register
Page
031016
Timer B3 Register (TB3)
031116
031216
Timer B4 Register (TB4)
171
031316
031416
Timer B5 Register (TB5)
031516
031616
031716
031816
031916
031A16
031B16 Timer B3 Mode Register (TB3MR)
031C16 Timer B4 Mode Register (TB4MR)
172
031D16 Timer B5 Mode Register (TB5MR)
031E16
031F16 External Interrupt Request Source Select Register (IFSR)
122
032016
032116
032216
032316
032416 UART3 Special Mode Register 4 (U3SMR4)
199
032516 UART3 Special Mode Register 3 (U3SMR3)
198
032616 UART3 Special Mode Register 2 (U3SMR2)
197
032716 UART3 Special Mode Register (U3SMR)
196
032816 UART3 Transmit/Receive Mode Register (U3MR)
194
032916
UART3 Bit Rate Register (U3BRG)
032A16
UART3 Transmit Buffer Register (U3TB)
193
032B16
032C16 UART3 Transmit/Receive Control Register 0 (U3C0)
195
032D16 UART3 Transmit/Receive Control Register 1 (U3C1)
196
032E16
UART3 Receive Buffer Register (U3RB)
193
032F16
033016
033116
033216
033316
033416 UART2 Special Mode Register 4 (U2SMR4)
199
033516 UART2 Special Mode Register 3 (U2SMR3)
198
033616 UART2 Special Mode Register 2 (U2SMR2)
197
033716 UART2 Special Mode Register (U2SMR)
196
033816 UART2 Transmit/Receive Mode Register (U2MR)
194
033916 UART2 Bit Rate Register (U2BRG)
033A16
UART2 Transmit Buffer Register (U2TB)
193
033B16
033C16 UART2 Transmit/Receive Control Register 0 (U2C0)
195
033D16 UART2 Transmit/Receive Control Register 1 (U2C1)
196
033E16
UART2 Receive Buffer Register (U2RB)
193
033F16
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com