Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F211B2SP Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # R5F211B2SP
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F211B2SP Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button R5F211B2SP Datasheet HTML 92Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 93Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 94Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 95Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 96Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 97Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 98Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 99Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 339 page
background image
R8C/1A Group, R8C/1B Group
12. Interrupts
Rev.1.30
Dec 08, 2006
Page 80 of 315
REJ09B0252-0130
12.1.3
Special Interrupts
Special interrupts are non-maskable.
12.1.3.1
Watchdog Timer Interrupt
The watchdog timer interrupt is generated by the watchdog timer. Reset the watchdog timer after the watchdog
timer interrupt is generated. For details, refer to 13. Watchdog Timer.
12.1.3.2
Oscillation Stop Detection Interrupt
The oscillation stop detection interrupt is generated by the oscillation stop detection function. For details of the
oscillation stop detection function, refer to 10. Clock Generation Circuit.
12.1.3.3
Voltage Monitor 2 Interrupt
The voltage monitor 2 interrupt is generated by the voltage detection circuit. For details of the voltage detection
circuit, refer to 7. Voltage Detection Circuit.
12.1.3.4
Single-Step Interrupt, and Address Break Interrupt
Do not use these interrupts. They are for use by development tools only.
12.1.3.5
Address Match Interrupt
The address match interrupt is generated immediately before executing an instruction that is stored at an
address indicated by registers RMAD0 to RMAD1 when the AIER0 or AIER1 bit in the AIER register is set to
1 (address match interrupt enable). For details of the address match interrupt, refer to 12.4 Address Match
Interrupt.
12.1.4
Peripheral Function Interrupt
The peripheral function interrupt is generated by the internal peripheral function of the MCU and is a maskable
interrupt. Refer to Table 12.2 Relocatable Vector Tables for sources of the peripheral function interrupt. For
details of peripheral functions, refer to the descriptions of individual peripheral functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com