Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F211B2SP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R5F211B2SP
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F211B2SP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R5F211B2SP Datasheet HTML 28Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 29Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 30Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 31Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 32Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 33Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 34Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 35Page - Renesas Technology Corp R5F211B2SP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 339 page
background image
R8C/1A Group, R8C/1B Group
2. Central Processing Unit (CPU)
Rev.1.30
Dec 08, 2006
Page 16 of 315
REJ09B0252-0130
2.1
Data Registers (R0, R1, R2, and R3)
R0 is a 16-bit register for transfer, arithmetic, and logic operations. The same applies to R1 to R3. R0
can be split into high-order bits (R0H) and low-order bits (R0L) to be used separately as 8-bit data
registers. R1H and R1L are analogous to R0H and R0L. R2 can be combined with R0 and used as a 32-
bit data register (R2R0). R3R1 is analogous to R2R0.
2.2
Address Registers (A0 and A1)
A0 is a 16-bit register for address register indirect addressing and address register relative addressing.
It is also used for transfer and arithmetic and logic operations. A1 is analogous to A0. A1 can be
combined with A0 and used as a 32-bit address register (A1A0).
2.3
Frame Base Register (FB)
FB is a 16-bit register for FB relative addressing.
2.4
Interrupt Table Register (INTB)
INTB is a 20-bit register that indicates the start address of an interrupt vector table.
2.5
Program Counter (PC)
PC is 20 bits wide indicates the address of the next instruction to be executed.
2.6
User Stack Pointer (USP) and Interrupt Stack Pointer (ISP)
The stack pointer (SP), USP, and ISP, are each 16 bits wide. The U flag of FLG is used to switch
between USP and ISP.
2.7
Static Base Register (SB)
SB is a 16-bit register for SB relative addressing.
2.8
Flag Register (FLG)
FLG is an 11-bit register indicating the CPU state.
2.8.1
Carry Flag (C)
The C flag retains a carry, borrow, or shift-out bits that have been generated by the arithmetic and
logic unit.
2.8.2
Debug Flag (D)
The D flag is for debugging only. Set it to 0.
2.8.3
Zero Flag (Z)
The Z flag is set to 1 when an arithmetic operation results in 0; otherwise to 0.
2.8.4
Sign Flag (S)
The S flag is set to 1 when an arithmetic operation results in a negative value; otherwise to 0.
2.8.5
Register Bank Select Flag (B)
Register bank 0 is selected when the B flag is 0. Register bank 1 is selected when this flag is set to 1.
2.8.6
Overflow Flag (O)
The O flag is set to 1 when the operation results in an overflow; otherwise to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com