Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F211B2DSP Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # R5F211B2DSP
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F211B2DSP Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button R5F211B2DSP Datasheet HTML 76Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 77Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 78Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 79Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 80Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 81Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 82Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 83Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 339 page
background image
R8C/1A Group, R8C/1B Group
10. Clock Generation Circuit
Rev.1.30
Dec 08, 2006
Page 64 of 315
REJ09B0252-0130
Figure 10.6
Registers HRA1 and HRA2
High-Speed On-Chip Oscillator Control Register 1
(1)
Symbol
Address
After Reset
HRA1
0021h
When Shipping
RW
NOTE :
1.
2. Adjust the HRA1 register so that the frequency of the high-speed on-chip oscillator w ill be the maximum value or
less of the system clock.
b7 b6 b5 b4 b3 b2 b1 b0
Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting the HRA1 register.
RW
Function
The frequency of the high-speed on-chip oscillator is adjusted w ith bits 0 to 7.(2)
High-speed on-chip oscillator frequency = 8 MHz
(HRA1 register = value w hen shipping ; fRING-fast mode 0)
Setting the HRA1 register to a low er value (minimum value: 00h), results in a higher
frequency.
Setting the HRA1 register to a higher value (maximum value: FFh), results in a low er
frequency.
High-Speed On-Chip Oscillator Control Register 2
(1)
Symbol
A ddress
A f ter Reset
HRA 2
0022h
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1. Set the PRC0 bit in the PRCR register to 1 (w rite enable) bef ore rew riting the HRA 2 register.
2.
3.
4.
5. Set the HRA 20 and HRA 21 bits so that the f requency of the high-speed on-chip oscillator w ill be the maximum value
or less of the system clock.
b7 b6 b5 b4 b3 b2 b1 b0
000
HRA 20
RW
HRA 21
RW
High-speed on-chip oscillator mode
select bits(5)
b1 b0
0 0 : f RING-f ast mode 0(2)
0 1 : f RING-f ast mode 1(3)
1 0 : f RING-f ast mode 2(4)
1 1 : Do not set.
High-speed on-chip oscillator f requency = 8 MHz (HRA 1 register = value w hen shipping)
If f RING-f ast mode 0 is sw itched to f RING-f ast mode 1, the f requency is multiplied by 1.5.
If f RING-f ast mode 0 is sw itched to f RING-f ast mode 2, the f requency is multiplied by 0.5.
—
(b4-b2)
Reserved bits
Set to 0.
RW
—
(b7-b5)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com