Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F211B2DSP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # R5F211B2DSP
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F211B2DSP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button R5F211B2DSP Datasheet HTML 16Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 17Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 18Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 19Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 20Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 21Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 22Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 23Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 339 page
background image
R8C/1A Group, R8C/1B Group
1. Overview
Rev.1.30
Dec 08, 2006
Page 4 of 315
REJ09B0252-0130
1.3
Block Diagram
Figure 1.1 shows a Block Diagram.
Figure 1.1
Block Diagram
A/D converter
(10 bits
× 4 channels)
UART or
clock synchronous serial I/O
(8 bits
× 1 channel)
R8C/Tiny Series CPU core
8
4
1
3
Timers
Timer X (8 bits)
Timer Z (8 bits)
Timer C (16 bits)
System clock generator
XIN-XOUT
High-speed on-chip
oscillator
Low-speed on-chip
oscillator
Memory
Watchdog timer
(15 bits)
ROM(1)
RAM(2)
Multiplier
R0H
R0L
R1H
R2
R3
R1L
A0
A1
FB
SB
USP
ISP
INTB
PC
FLG
I/O ports
Port P1
Port P3
Port P4
NOTES:
1. ROM size varies with MCU type.
2. RAM size varies with MCU type.
UART
(8 bits
× 1 channel)
SSU (8 bits
× 1 channel)
or I2C bus
Peripheral Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com