Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145B Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # HD64F2145B
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  845 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145B Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button HD64F2145B Datasheet HTML 69Page - Renesas Technology Corp HD64F2145B Datasheet HTML 70Page - Renesas Technology Corp HD64F2145B Datasheet HTML 71Page - Renesas Technology Corp HD64F2145B Datasheet HTML 72Page - Renesas Technology Corp HD64F2145B Datasheet HTML 73Page - Renesas Technology Corp HD64F2145B Datasheet HTML 74Page - Renesas Technology Corp HD64F2145B Datasheet HTML 75Page - Renesas Technology Corp HD64F2145B Datasheet HTML 76Page - Renesas Technology Corp HD64F2145B Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 845 page
background image
Section 1 Overview
Rev. 3.00 Mar 21, 2006 page 19 of 788
REJ09B0300-0300
Pin No.
Type
Symbol
FP-100B,
TFP-100B TFP-144 I/O
Name and Function
A23 to
A16
10, 11, 20,
21, 30, 31,
47, 48
33, 34,
35, 37,
38, 39,
40, 41
Output
Address output pins when 16-Mbyte
space is used.
Address
bus
A15 to A0
60 to 67,
72 to 79
96 to
110, 112
Output
Address output pins
D15 to D8
89 to 82
128 to
121
Input/
output
Bidirectional data bus for upper byte of
16-bit data.
Data bus
D7 to D0
57, 58, 68,
69, 80, 81,
90, 91
113 to
120
Input/
output
Bidirectional data bus for lower byte of
16-bit data.
WAIT
16
17
Input
Requests insertion of a wait state in the
bus cycle when accessing external 3-
state address space.
RD
22
21
Output
When this pin is low, it indicates that the
external address space is being read.
HWR
19
20
Output
When this pin is low, it indicates that the
external address space is being written
to. The upper half of the data bus is
valid.
LWR
25
24
Output
When this pin is low, it indicates that the
external address space is being written
to. The lower half of the data bus is
valid.
Bus control
AS/IOS
18
19
Output
When this pin is low, it indicates that
address output on the address bus is
valid.
Interrupt
signals
NMI
7
11
Input
Input pin for a nonmaskable interrupt
request.
IRQ0 to
IRQ7
23 to 25,
97 to 99,
34, 35
22 to 24,
133 to
135, 84,
85
Input
These pins request a maskable
interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com