Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145B Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD64F2145B
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  845 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145B Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD64F2145B Datasheet HTML 5Page - Renesas Technology Corp HD64F2145B Datasheet HTML 6Page - Renesas Technology Corp HD64F2145B Datasheet HTML 7Page - Renesas Technology Corp HD64F2145B Datasheet HTML 8Page - Renesas Technology Corp HD64F2145B Datasheet HTML 9Page - Renesas Technology Corp HD64F2145B Datasheet HTML 10Page - Renesas Technology Corp HD64F2145B Datasheet HTML 11Page - Renesas Technology Corp HD64F2145B Datasheet HTML 12Page - Renesas Technology Corp HD64F2145B Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 845 page
background image
Rev. 3.00 Mar 21, 2006 page ix of liv
Item
Page
Revision (See Manual for Details)
2.7.9 Effective
Address Calculation
Table 2.13 Effective
Address Calculation
(2)
56
Table amended
Memory indirect @@aa:8
• Normal mode
• Advanced mode
op
8
abs
op
abs
3.4 Address Map in
Each Operating Mode
Figure 3.7 Address
Map for H8S/2145B (1)
Figure 3.8 Address
Map for H8S/2145B (2)
77, 78
Figure 3.7 and Figure 3.8 added
Figure 3.9 Address
Map for H8S/2148B(1)
79
Figure 3.9 amended
H'01FFFF
H'020000
H'FFE080
4.7 Usage Note
Figure 4.3 Operation
when SP Value Is Old
87
Figure 4.3 amended
H'FFEFFF
5.2 Input/Output Pins
Table 5.1 Pin
Configuration
91
Note
* amended
Note:
* Not supported by the H8S/2148B and H8S/2145B (5-V
version).
5.3.7 Keyboard Matrix
Interrupt Mask
Registers (KMIMRA,
KMIMR) and Wake-Up
Event Mask Register
(WUEMRB)
98
• WUEMRB*
Note
* amended
Note:
* Not supported by the H8S/2148B and H8S/2145B (5-V
version).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com