Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7615 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7615
Description  32-Bit RISC Microcomputer SuperH RISC engine Family/SH7600 Series
PDF  925 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7615 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7615 Datasheet HTML 35Page - Renesas Technology Corp SH7615 Datasheet HTML 36Page - Renesas Technology Corp SH7615 Datasheet HTML 37Page - Renesas Technology Corp SH7615 Datasheet HTML 38Page - Renesas Technology Corp SH7615 Datasheet HTML 39Page - Renesas Technology Corp SH7615 Datasheet HTML 40Page - Renesas Technology Corp SH7615 Datasheet HTML 41Page - Renesas Technology Corp SH7615 Datasheet HTML 42Page - Renesas Technology Corp SH7615 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 925 page
background image
Rev. 2.00, 03/05, page 1 of 884
Section 1 Overview
1.1
Features of SuperH Microcomputer with On-Chip Ethernet
Controller
The SH7615 is a CMOS single-chip microcomputer that integrates a high-speed CPU core using
an original Renesas Technology architecture with supporting functions required for an Ethernet
system.
The CPU has a RISC (Reduced Instruction Set Computer) type instruction set. The CPU basically
operates at a rate of one instruction per cycle, offering a great improvement in instruction
execution speed. In addition, the 32-bit internal architecture provides improved data processing
power, and DSP functions have also been enhanced with the implementation of extended Harvard
architecture DSP data bus functions. With this CPU, it has become possible to assemble low-cost,
high-performance/high-functionality systems even for applications such as realtime control, which
could not previously be handled by microcomputers because of their high-speed processing
requirements. The SH7615 also includes a maximum 4-kbyte cache, for greater CPU processing
power when accessing external memory.
The SH7615 is equipped with a media access controller (MAC) conforming to the IEEE802.3u
standard, and an Ethernet controller that includes a media independent interface (MII) standard
unit, enabling 10/100 Mbps LAN connection. Supporting functions necessary for system
configuration are also provided, including RAM, timers, a serial communication interface with
FIFO (SCIF), interrupt controller (INTC), and I/O ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com