Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7615 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # SH7615
Description  32-Bit RISC Microcomputer SuperH RISC engine Family/SH7600 Series
PDF  925 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7615 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button SH7615 Datasheet HTML 69Page - Renesas Technology Corp SH7615 Datasheet HTML 70Page - Renesas Technology Corp SH7615 Datasheet HTML 71Page - Renesas Technology Corp SH7615 Datasheet HTML 72Page - Renesas Technology Corp SH7615 Datasheet HTML 73Page - Renesas Technology Corp SH7615 Datasheet HTML 74Page - Renesas Technology Corp SH7615 Datasheet HTML 75Page - Renesas Technology Corp SH7615 Datasheet HTML 76Page - Renesas Technology Corp SH7615 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 925 page
background image
Rev. 2.00, 03/05, page 35 of 884
The name Ix is an alias for R8. The other aliases are assigned as follows:
Ax0:
.REG (R4)
Ax1:
.REG (R5)
Ix:
.REG (R8)
Ay0:
.REG (R6)
Ay1:
.REG (R7)
Iy:
.REG (R9)
As0:
.REG (R4)
defined when an alias is required for single data transfer
As1:
.REG (R5)
defined when an alias is required for single data transfer
As2:
.REG (R2)
defined when an alias is required for single data transfer
As3:
.REG (R3)
defined when an alias is required for single data transfer
Is:
.REG (R8)
defined when an alias is required for single data transfer
2.1.2
Control Registers
The six 32-bit control registers consist of the status register (SR), repeat start register (RS), repeat
end register (RE), global base register (GBR), vector base register (VBR), and modulo register
(MOD).
The SR register indicates processing states.
The GBR register functions as a base address for the indirect GBR addressing mode, and is used
for such as on-chip peripheral module register data transfers.
The VBR register functions as the base address of the exception processing vector area (including
interrupts).
The RS and RE registers are used for program repeat (loop) control. The repeat count is
designated in the SR register repeat counter (RC), the repeat start address in the RS register, and
the repeat end address in the RE register. However, note that the address values stored in the RS
and RE registers are not necessarily always the same as the physical start and end address values
of the repeat.
The MOD register is used for modulo addressing to buffer the repeat data. The modulo addressing
designation is made by DMX or DMY, the modulo end address (ME) is designated in the upper 16
bits of the MOD register, and the modulo start address (MS) is designated in the lower 16 bits.
Note that the DMX and DMY bits cannot simultaneously designate modulo addressing. Modulo
addressing is possible with X and Y data transfer instructions (MOVX, MOVY). It is not possible
with single data transfer instructions (MOVS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com