Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE8405 Datasheet(PDF) 39 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 35Page - Texas Instruments AFE8405 Datasheet HTML 36Page - Texas Instruments AFE8405 Datasheet HTML 37Page - Texas Instruments AFE8405 Datasheet HTML 38Page - Texas Instruments AFE8405 Datasheet HTML 39Page - Texas Instruments AFE8405 Datasheet HTML 40Page - Texas Instruments AFE8405 Datasheet HTML 41Page - Texas Instruments AFE8405 Datasheet HTML 42Page - Texas Instruments AFE8405 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 152 page
background image
B0112-01
lfsr19
lfsr16
lfsr15
lfsr14
lfsr13
lfsr12
lfsr11
lfsr22
lfsr22
lfsr22
lfsr22
lfsr22
lfsr22
lfsr20
lfsr22
lfsr18
lfsr17
lfsr16
lfsr15
lfsr14
lfsr13
lfsr12
lfsr11
lfsr10
dout9
dout15
dout14
dout13
dout12
dout11
dout10
dout8
dout7
dout6
dout5
dout4
dout3
dout2
dout1
dout0
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
The 23-bit LFSR output signal if used to create a 16-bit dout(15:0) test signal using XOR combinations of
the LFSR bits.
Figure 7-8. Mapping of LFSR Values to Output Bits
To enable the test signal generator, the slf_tst_ena control bit is set. The rxin_a/b/c/d signals are then
replaced by the four generator output streams. To use this test signal generator as a signal source for
self-test, the user must also set the adc_fifo_bypass control bit. Setting the adc_fifo_bypass control bit
causes the adcclk_a/b/c/d input clocks to be internally replaced with rxclk/N, where N is programmed with
the rate_sel(1:0) control bits to {1, 2, 4, or 8}.
The test signal generators can also output a programmable constant value. All four test signal generators
output the same programmable constant value.
Submit Documentation Feedback
RECEIVE DIGITAL SIGNAL PROCESSING
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com