Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE8405 Datasheet(PDF) 13 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 9Page - Texas Instruments AFE8405 Datasheet HTML 10Page - Texas Instruments AFE8405 Datasheet HTML 11Page - Texas Instruments AFE8405 Datasheet HTML 12Page - Texas Instruments AFE8405 Datasheet HTML 13Page - Texas Instruments AFE8405 Datasheet HTML 14Page - Texas Instruments AFE8405 Datasheet HTML 15Page - Texas Instruments AFE8405 Datasheet HTML 16Page - Texas Instruments AFE8405 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 152 page
background image
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
Signal Name
Ball
Type
Description
rxout_4_a
A16
Output
DDC 4 serial out data. CDMA A: I data UMTS: Imsb parallel interface I(0)
rxout_4_b
B16
Output
DDC 4 serial out data. CDMA B: I data UMTS: Imsb – 1 parallel interface I(1)
rxout_4_c
D16
Output
DDC 4 serial out data. CDMA A: Q data UMTS: Qmsb parallel interface I(2)
rxout_4_d
A15
Output
DDC 4 serial out data. CDMA B: Q data UMTS: Qmsb – 1 parallel interface I(3)
rxout_3_a
B15
Output
DDC 3 serial out data. CDMA A: I data UMTS: Imsb parallel interface Q(12)
rxout_3_b
C15
Output
DDC 3 serial out data. CDMA B: I data UMTS: Imsb – 1 parallel interface Q(13)
rxout_3_c
A14
Output
DDC 3 serial out data. CDMA A: Q data UMTS: Qmsb parallel interface Q(14)
rxout_3_d
B14
Output
DDC 3 serial out data. CDMA B: Q data UMTS: Qmsb –1 parallel interface Q(15)
rxout_2_a
D14
Output
DDC 2 serial out data. CDMA A: I data UMTS: Imsb parallel interface Q(8)
rxout_2_b
A13
Output
DDC 2 serial out data. CDMA B: I data UMTS: Imsb – 1 parallel interface Q(9)
rxout_2_c
C13
Output
DDC 2 serial out data. CDMA A: Q data UMTS: Qmsb parallel interface Q(10)
rxout_2_d
D13
Output
DDC 2 serial out data. CDMA B: Q data UMTS: Qmsb –1 parallel interface Q(11)
rxout_1_a
A12
Output
DDC 1 serial out data. CDMA A: I data UMTS: Imsb parallel interface Q(4)
rxout_1_b
B12
Output
DDC 1 serial out data. CDMA B: I data UMTS: Imsb – 1 parallel interface Q(5)
rxout_1_c
D12
Output
DDC 1 serial out data. CDMA A: Q data UMTS: Qmsb parallel interface Q(6)
rxout_1_d
A11
Output
DDC 1 serial out data. CDMA B: Q data UMTS: Qmsb –1 parallel interface Q(7)
rxout_0_a
B11
Output
DDC 0 serial out data. CDMA A: I data UMTS: Imsb parallel interface Q(0)
rxout_0_b
C11
Output
DDC 0 serial out data. CDMA B: I data UMTS: Imsb – 1 parallel interface Q(1)
rxout_0_c
B10
Output
DDC 0 serial out data. CDMA A: Q data UMTS: Qmsb parallel interface Q(2)
rxout_0_d
A9
Output
DDC 0 serial out data. CDMA B: Q data UMTS: Qmsb – 1 parallel interface Q(3)
Submit Documentation Feedback
AFE8405 PINS
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com