Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG201B
Description  Improved Quad CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201B Datasheet(HTML) 3 Page - Vishay Siliconix

  DG201B Datasheet HTML 1Page - Vishay Siliconix DG201B Datasheet HTML 2Page - Vishay Siliconix DG201B Datasheet HTML 3Page - Vishay Siliconix DG201B Datasheet HTML 4Page - Vishay Siliconix DG201B Datasheet HTML 5Page - Vishay Siliconix DG201B Datasheet HTML 6Page - Vishay Siliconix DG201B Datasheet HTML 7Page - Vishay Siliconix DG201B Datasheet HTML 8Page - Vishay Siliconix DG201B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 70037
S-71155–Rev. H, 11-Jun-07
www.vishay.com
3
Vishay Siliconix
DG201B/202B
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
Figure 1.
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Specified
V+ = 15 V, V- = - 15 V
VIN = 2.4 V, 0.8 V
f
Tempb
Typc
A Suffix
- 55 to 125 °C
D Suffix
- 40 to 85 °C
Unit
Mind
Maxd
Mind
Maxd
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 15
15
- 15
15
V
Drain-Source
On-Resistance
rDS(on)
VD = ± 10 V, IS = 1 mA
Room
Full
45
85
100
85
100
Ω
rDS(on) Match
Δr
DS(on
Room
2
Source Off Leakage Current
IS(off)
VS = ± 14 V, VD = ± 14 V
Room
Full
± 0.01
- 0.5
- 20
0.5
20
- 0.5
- 5
0.5
5
nA
Drain Off Leakage Current
ID(off)
VD = ± 14 V, VS = ± 14 V
Room
Full
± 0.01
- 0.5
- 20
0.5
20
- 0.5
- 5
0.5
5
Drain On Leakage Current
ID(on)
VS = VD = ± 14 V
Room
Full
± 0.02
- 0.5
- 40
0.5
40
- 0.5
- 10
0.5
10
Digital Control
Input Voltage High
VINH
Full
2.4
2.4
V
Input Voltage Low
VINL
Full
0.8
0.8
Input Current
IINH or IINL
VINH or VINL
Full
- 11- 1
1
µA
Input Capacitance
CIN
Room
5
pF
Dynamic Characteristics
Turn-On Time
tON
VS = 2 V
See Switching Time Test Circuit
Room
Full
120
300
300
ns
Turn-Off Time
tOFF
Room
Full
65
200
200
Charge Injection
Q
CL = 1000 pF, Vg = 0 V
Rg = 0 Ω
Room
1
pC
Source-Off Capacitance
CS(off)
VS = 0 V, f = 1 MHz
Room
5
pF
Drain-Off Capacitance
CD(off)
Room
5
Channel On Capacitance
CD(on)
VD = VS = 0 V, f = 1 MHz
Room
16
Off Isolation
OIRR
CL = 15 pF, RL = 50 Ω
VS = 1 VRMS, f = 100 kHz
Room
90
dB
Channel-to-Channel
Crosstalk
XTALK
Room
95
Power Supply
Positive Supply Current
I+
VIN = 0 or 5 V
Room
Full
50
100
50
100
µA
Negative Supply Current
I-
Room
Full
- 1
- 5
- 1
- 5
Power Supply Range for
Continuous Operation
VOP
Full
± 4.5
± 22
± 4.5
± 22
V
DX
SX
V+
INX
V-
Level
Shift/
GND
V+
V-
5 V
Reg
Drive



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com