Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG201B
Description  Improved Quad CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201B Datasheet(HTML) 1 Page - Vishay Siliconix

  DG201B Datasheet HTML 1Page - Vishay Siliconix DG201B Datasheet HTML 2Page - Vishay Siliconix DG201B Datasheet HTML 3Page - Vishay Siliconix DG201B Datasheet HTML 4Page - Vishay Siliconix DG201B Datasheet HTML 5Page - Vishay Siliconix DG201B Datasheet HTML 6Page - Vishay Siliconix DG201B Datasheet HTML 7Page - Vishay Siliconix DG201B Datasheet HTML 8Page - Vishay Siliconix DG201B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
DG201B/202B
Document Number: 70037
S-71155–Rev. H, 11-Jun-07
www.vishay.com
1
Improved Quad CMOS Analog Switches
FEATURES
•
± 22 V Supply Voltage Rating
•
TTL and CMOS Compatible Logic
•
Low On-Resistance - rDS(on): 45 Ω
•
Low Leakage - ID(on): 20 pA
•
Single Supply Operation Possible
•
Extended Temperature Range
•
Fast Switching - tON: 120 ns
•
Low Glitching - Q: 1 pC
BENEFITS
• Wide Analog Signal Range
•
Simple Logic Interface
•
Higher Accuracy
•
Minimum Transients
•
Reduced Power Consumption
•
Superior to DG201A/202
• Space Savings (TSSOP)
APPLICATIONS
• Industrial Instrumentation
•
Test Equipment
•
Communications Systems
•
Disk Drives
•
Computer Peripherals
•
Portable Instruments
• Sample-and-Hold Circuits
DESCRIPTION
The DG201B/202B analog switches are highly improved
versions of the industry-standard DG201A/202. These
devices are fabricated in Vishay Siliconix’ proprietary silicon
gate CMOS process, resulting in lower on-resistance, lower
leakage, higher speed, and lower power consumption.
These quad single-pole single-throw switches are designed
for a wide variety of applications in telecommunications,
instrumentation, process control, computer peripherals, etc.
An
improved
charge
injection
compensation
design
minimizes switching transients. The DG201B and DG202B
can handle up to ± 22 V input signals, and have an improved
continuous current rating of 30 mA. An epitaxial layer
prevents latchup.
All devices feature true bi-directional performance in the on
condition, and will block signals to the supply voltages in the
off condition.
The DG201B is a normally closed switch and the DG202B is
a normally open switch. (See Truth Table.)
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic "0"
≤ 0.8 V
Logic "1"
≥ 2.4 V
* Pb containing terminations are not RoHS compliant, exemptions may apply
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
NC
S4
S3
D4
D3
IN4
IN3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
DG201B
Dual-In-Line, SOIC and TSSOP
TRUTH TABLE
Logic
DG201B
DG202B
0
ON
OFF
1OFF
ON
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - DG201B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
Improved Quad CMOS Analog Switches
06-Sep-99
DG201B VISHAY-DG201B Datasheet
226Kb / 15P
Improved Quad CMOS Analog Switches
25-Apr-11
DG201B VISHAY-DG201B Datasheet
278Kb / 15P
Improved Quad CMOS Analog Switches
25-Apr-11
DG201BAK VISHAY-DG201BAK Datasheet
96Kb / 9P
Improved Quad CMOS Analog Switches
06-Sep-99
DG201BAK VISHAY-DG201BAK Datasheet
226Kb / 15P
Improved Quad CMOS Analog Switches
25-Apr-11
More results

Similar Description - DG201B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
Improved Quad CMOS Analog Switches
06-Sep-99
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
Improved Quad CMOS Analog Switches
14-Jul-97
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
Improved Quad CMOS Analog Switches
24-Apr-00
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
Improved Quad CMOS Analog Switches
25-Jun-07
DG201B VISHAY-DG201B_11 Datasheet
226Kb / 15P
Improved Quad CMOS Analog Switches
25-Apr-11
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
Improved Quad CMOS Analog Switches
07-Feb-11
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
Improved Quad CMOS Analog Switches
28-Feb-11
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
Improved Quad CMOS Analog Switches
19-Mar-12
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
Improved Quad CMOS Analog Switches
25-Apr-11
DG211B VISHAY-DG211B_V01 Datasheet
239Kb / 14P
Improved Quad CMOS Analog Switches
07-Feb-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com