Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STH8NB90 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STH8NB90
Description  N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh™ MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH8NB90 Datasheet(HTML) 1 Page - STMicroelectronics

  STH8NB90 Datasheet HTML 1Page - STMicroelectronics STH8NB90 Datasheet HTML 2Page - STMicroelectronics STH8NB90 Datasheet HTML 3Page - STMicroelectronics STH8NB90 Datasheet HTML 4Page - STMicroelectronics STH8NB90 Datasheet HTML 5Page - STMicroelectronics STH8NB90 Datasheet HTML 6Page - STMicroelectronics STH8NB90 Datasheet HTML 7Page - STMicroelectronics STH8NB90 Datasheet HTML 8Page - STMicroelectronics STH8NB90 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
July 2001
STW8NB90
STH8NB90FI
N-CHANNEL 900V - 1.1
Ω - 8 A TO-247/ISOWATT218
PowerMesh™ MOSFET
s
TYPICAL RDS(on) = 1.1 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY™
process, STMicroelectronics has designed an ad-
vanced family of power MOSFETs with outstanding
performances. The new patent pending strip layout
coupled with the Company’s proprieraty edge termi-
nation structure, gives the lowest RDS(on) per area,
exceptional avalanche and dv/dt capabilities and
unrivalled gate charge and switching characteris-
tics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
(1)ISD ≤8 A, di/dt ≤200A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
TYPE
VDSS
RDS(on)
ID
STW8NB90
900 V
< 1.45
Ω
8 A
STH8NB90FI
900 V
< 1.45
Ω
5 A
Symbol
Parameter
Value
Unit
STW8NB90
STH8NB90FI
VDS
Drain-source Voltage (VGS = 0)
900
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
900
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC = 25°C
85
A
ID
Drain Current (continuos) at TC = 100°C
53
A
IDM (q)
Drain Current (pulsed)
32
20
A
PTOT
Total Dissipation at TC = 25°C
200
80
W
Derating Factor
1.6
0.64
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
4
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2500
V
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
INTERNAL SCHEMATIC DIAGRAM
1
2
3
1
2
3
TO-247
ISOWATT218


Similar Part No. - STH8NB90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH8N80 STMICROELECTRONICS-STH8N80 Datasheet
345Kb / 7P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
May-1993
STH8N80FI STMICROELECTRONICS-STH8N80FI Datasheet
345Kb / 7P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
May-1993
STH8NA60 STMICROELECTRONICS-STH8NA60 Datasheet
124Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Oct-1998
STH8NA60FI STMICROELECTRONICS-STH8NA60FI Datasheet
124Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Oct-1998
logo
Inchange Semiconductor ...
STH8NA60FI ISC-STH8NA60FI Datasheet
343Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STH8NB90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU7NB90 STMICROELECTRONICS-STU7NB90 Datasheet
403Kb / 9P
N-CHANNEL 900V - 1.1 ohm - 7.3 A Max220/Max220I PowerMesh??MOSFET
May-2001
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
Feb-2002
STW13NB60 STMICROELECTRONICS-STW13NB60 Datasheet
111Kb / 9P
N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
Jan-2000
STW15NB50 STMICROELECTRONICS-STW15NB50 Datasheet
110Kb / 9P
N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET
Jun-1998
STW18NB40 STMICROELECTRONICS-STW18NB40 Datasheet
142Kb / 7P
N-CHANNEL 400V - 0.19ohm - 18.4A TO-247/ISOWATT218 PowerMESH MOSFET
Jun-2002
STW5NB90 STMICROELECTRONICS-STW5NB90 Datasheet
85Kb / 8P
N - CHANNEL 900V - 2.3ohm - 5.6A - TO-247 PowerMESH MOSFET
Mar-1999
STW6NB90 STMICROELECTRONICS-STW6NB90 Datasheet
51Kb / 5P
N - CHANNEL 900V - 1.7ohm - 6.3A - TO-247 PowerMESH MOSFET
Feb-1999
STW7NA90 STMICROELECTRONICS-STW7NA90 Datasheet
111Kb / 9P
N - CHANNEL 900V - 1.05ohm - 7A - TO-247/ISOWATT218 FAST POWER MOSFET
Oct-1998
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH™ II MOSFET
Jul-2000
STW9NB90 STMICROELECTRONICS-STW9NB90 Datasheet
87Kb / 8P
N-CHANNEL 900V - 0.85ohm - 9.7A - TO-247 PowerMESH MOSFET
Jul-1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com