Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38K0 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 38K0
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K0 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 38K0 Datasheet HTML 35Page - Renesas Technology Corp 38K0 Datasheet HTML 36Page - Renesas Technology Corp 38K0 Datasheet HTML 37Page - Renesas Technology Corp 38K0 Datasheet HTML 38Page - Renesas Technology Corp 38K0 Datasheet HTML 39Page - Renesas Technology Corp 38K0 Datasheet HTML 40Page - Renesas Technology Corp 38K0 Datasheet HTML 41Page - Renesas Technology Corp 38K0 Datasheet HTML 42Page - Renesas Technology Corp 38K0 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 22 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
SERIAL INTERFACE
SERIAL I/O
Serial I/O can be used as either clock synchronous or asynchro-
nous (UART) serial I/O. A dedicated timer (baud rate generator) is
also provided for baud rate generation.
(1) Clock Synchronous Serial I/O Mode
Clock synchronous serial I/O mode can be selected by setting the
mode selection bit of the serial I/O control register (bit 6 of ad-
dress 0FE016) to “1”.
For clock synchronous serial I/O, the transmitter and the receiver
must use the same clock. If an internal clock is used, transfer is
started by a write signal to the Trancemit/Receive buffer register.
Fig. 18 Block diagram of clock synchronous serial I/O
Fig. 19 Operation of clock synchronous serial I/O function
P42/EXTC/SCLK
P43/EXA1/SRDY
P40/EXDREQ/RxD
System clock
1/4
1/4
F/F
Serial I/O status register
Serial I/O control register
Receive buffer register
Address 002616
Receive shift register
Receive buffer full flag (RBF)
Receive interrupt request (RI)
Clock control circuit
Shift clock
Serial I/O synchronous
clock selection bit
Frequency division ratio 1/(n+1)
Baud rate generator
Address 0FE216
BRG count source selection bit
Clock control circuit
Falling-edge detector
Data bus
Address 002616
Shift clock
Transmit shift register shift completion flag (TSC)
Transmit buffer empty flag (TBE)
Transmit interrupt request (TI)
Transmit interrupt source selection bit
Address 002716
Data bus
Address 0FE016
Transmit buffer register
Transmit shift register
P41/EXDACK/TxD
Receive enable signal SRDY
D7
D0
D1
D2
D3
D4
D5
D6
RBF = 1
TSC = 1
TBE = 0
TBE = 1
TSC = 0
Transfer shift clock
(1/2 to 1/2048 of the internal
clock, or an external clock)
Serial output TXD
Serial input RXD
Write signal to receive/transmit
buffer register (address 002616)
Overrun error (OE)
detection
Notes 1 : The transmit interrupt (TI) can be generated either when the transmit buffer register has emptied (TBE = 1) or after the transmit
shift operation has ended (TSC=1), by setting the transmit interrupt source selection bit (TIC) of the serial I/O1 control register.
2 : If data is written to the transmit buffer register when TSC=0, the transmit clock is generated continuously and serial data is
output continuously from the TXD pin.
3 : The receive interrupt (RI) is set when the receive buffer full flag (RBF) becomes “1” .
D7
D0
D1
D2
D3
D4
D5
D6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com