Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38K0 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 38K0
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K0 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 38K0 Datasheet HTML 55Page - Renesas Technology Corp 38K0 Datasheet HTML 56Page - Renesas Technology Corp 38K0 Datasheet HTML 57Page - Renesas Technology Corp 38K0 Datasheet HTML 58Page - Renesas Technology Corp 38K0 Datasheet HTML 59Page - Renesas Technology Corp 38K0 Datasheet HTML 60Page - Renesas Technology Corp 38K0 Datasheet HTML 61Page - Renesas Technology Corp 38K0 Datasheet HTML 62Page - Renesas Technology Corp 38K0 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 42 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Fig. 51 Structure of EP01 byte number register 0
b7
b0
B0BYT01
[6:0]
b7
–
–
–
0
0
–
EP01 byte number register 0 (EP01BYT0) [address 001E16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
IN : Transmit byte number bit
OUT : Receive byte number bit
Not used
–: State remaining
Single buffer mode: Set the transmitting byte number.
Double buffer mode : Set the transmitting byte number
of buffer 0.
Single buffer mode : The received byte number is
automatically set.
Double buffer mode : The received byte number of buffer 0
is automatically set.
Write “0” when writing.
“0” is read when reading.
O
O
O
O
✕
O
0
W
R
b7
b0
B1BYT01
[6:0]
b7
–
–
–
0
0
–
EP01 byte number register 1 (EP01BYT1) [address 001F16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
IN : Transmit byte number bit
OUT : Receive byte number bit
Not used
–: State remaining
Single buffer mode: These bits are invalid.
Double buffer mode : Set the transmitting byte number
of buffer 1.
Single buffer mode: These bits are invalid.
Double buffer mode : The received byte number of buffer 1
is automatically set.
Write “0” when writing.
“0” is read when reading.
O
O
O
O
✕
O
0
W
R
Fig. 52 Structure of EP01 byte number register 1
b7
b0
MXPS01
[6:0]
b7
EP01 MAX. packet size register (EP01MAX) [address 0FEC16]
–
–
0
–
Bit name
Bit symbol
At reset
Function
H/W
S/W
–: State remaining
O
O
O
O
Max. packet size bit
Not used
IN : These bits are invalid.
OUT : Set the maximum packet size.
Write “0” when writing.
“0” is read when reading.
0
W
R
Fig. 53 Structure of EP01 MAX. packet size register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com