Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38K2UM Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 38K2UM
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2UM Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 38K2UM Datasheet HTML 35Page - Renesas Technology Corp 38K2UM Datasheet HTML 36Page - Renesas Technology Corp 38K2UM Datasheet HTML 37Page - Renesas Technology Corp 38K2UM Datasheet HTML 38Page - Renesas Technology Corp 38K2UM Datasheet HTML 39Page - Renesas Technology Corp 38K2UM Datasheet HTML 40Page - Renesas Technology Corp 38K2UM Datasheet HTML 41Page - Renesas Technology Corp 38K2UM Datasheet HTML 42Page - Renesas Technology Corp 38K2UM Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 20 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
TIMERS
The 38K2 group has three timers: timer X, timer 1, and timer 2.
The division ratio of each timer or prescaler is given by 1/(n + 1),
where n is the value in the corresponding timer or prescaler latch.
All timers are down count timers. When the timer reaches “0016”,
an underflow occurs at the next count pulse and the correspond-
ing timer latch is reloaded into the timer and the count is contin-
ued. When a timer underflows, the interrupt request bit corre-
sponding to that timer is set to “1”.
Fig. 16 Structure of timer X mode register
Timer 1 and Timer 2
The count source of prescaler 12 is the system clock divided by
16. The output of prescaler 12 is counted by timer 1 and timer 2,
and a timer underflow periodically sets the interrupt request bit.
Timer X
Timer X can each select in one of four operating modes by setting
the timer X mode register.
(1) Timer Mode
The timer counts the count source selected by timer count source
selection bit.
(2) Pulse Output Mode
The timer counts the system clock divided by 16. Whenever the
contents of the timer reach “0016”, the signal output from the
CNTR0 pin is inverted. If the CNTR0 active edge selection bit is
“0”, output begins at “ H”.
If it is “1”, output starts at “L”. When using a timer in this mode, set
the corresponding port P51 direction register to output mode.
(3) Event Counter Mode
Operation in event counter mode is the same as in timer mode,
except that the timer counts signals input through the CNTR0 pin.
When the CNTR0 active edge selection bit is “0”, the rising edge of
the CNTR0 pin is counted.
When the CNTR0 active edge selection bit is “1”, the falling edge
of the CNTR0 pin is counted.
(4) Pulse Width Measurement Mode
If the CNTR0 active edge selection bit is “0”, the timer counts the
system clock divided by 16 while the CNTR0 pin is at “H”. If the
CNTR0 active edge selection bit is “1”, the timer counts it while the
CNTR0 pin is at “L”.
The count can be stopped by setting “1” to the timer X count stop
bit in any mode. The corresponding interrupt request bit is set
each time a timer underflows.
Timer X mode register
(TM : address 002316)
Timer X operating mode bits
b1 b0
00 : Timer mode
01 : Pulse output mode
10 : Event counter mode
11 : Pulse width measurement mode
CNTR0 active edge switch bit
0 : Falling edge active for CNTR0 interrupt
Count at rising edge in event counter mode
1 : Rising edge active for CNTR0 interrupt
Count at falling edge in event counter mode
Timer X count stop bit
0 : Count start
1 : Count stop
Not used (return “0” when read)
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com