Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38K2UM Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 38K2UM
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2UM Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 38K2UM Datasheet HTML 82Page - Renesas Technology Corp 38K2UM Datasheet HTML 83Page - Renesas Technology Corp 38K2UM Datasheet HTML 84Page - Renesas Technology Corp 38K2UM Datasheet HTML 85Page - Renesas Technology Corp 38K2UM Datasheet HTML 86Page - Renesas Technology Corp 38K2UM Datasheet HTML 87Page - Renesas Technology Corp 38K2UM Datasheet HTML 88Page - Renesas Technology Corp 38K2UM Datasheet HTML 89Page - Renesas Technology Corp 38K2UM Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 67 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
Fig. 99 Structure of DP2 interrupt source register
(2) Downstream port 2
b7
b0
PTDIS2
PTCON2
PTERR2
PTRSM2
PTCHG2
b7:b5
0
0
0
0
0
–
–
–
–
–
–
–
DP2 interrupt source register (DP2REQ) [address 002B16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
00
0
Downstream port 2 disconnect
detection interrupt bit
Downstream port 2 connect
detection interrupt bit
Downstream port 2 port error
interrupt bit
Downstream port 2 resume
interrupt bit
Downstream port 2 bus-change
detection interrupt bit
Not used
0: No interrupt request issued
1: Interrupt request issued
This bit is set to “1” when detecting a bus-disconnect
state (2.5
µs or more of SE0) on a downstream port 2 in
DSCONN2 = “1”.
“0” can be set by software, but “1” cannot be set.
0: No interrupt request issued
1: Interrupt request issued
This bit is set to “1” when detecting a bus-connect
state (2.5
µs or more of J- or K- state) on a downstream
port 2 in DSCONN2 = “0”.
“0” can be set by software, but “1” cannot be set.
0: No interrupt request issued
1: Interrupt request issued
This bit is set to “1” when an error occurs on a
downstream port 2.
“0” can be set by software, but “1” cannot be set.
0: No interrupt request issued
1: Interrupt request issued
This bit is set to “1” when detecting a resume signal
on a downstream port 2 in the condition of HUB
suspended or port suspended state.
“0” can be set by software, but “1” cannot be set.
0: No interrupt request issued
1: Interrupt request issued
This bit is set to “1” when detecting a bus-change of a
downstream port 2 in the condition of HUB suspended
state. It is also “1” in the internal clock halted.
“0” can be set by software, but “1” cannot be set.
Write “0” when writing.
“0” is read when reading.
O
O
O
O
O
O
O
O
O
O
O
O
–: State remaining
W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com