Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6432351 Datasheet(PDF) 852 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 852 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 848Page - Renesas Technology Corp HD6432351 Datasheet HTML 849Page - Renesas Technology Corp HD6432351 Datasheet HTML 850Page - Renesas Technology Corp HD6432351 Datasheet HTML 851Page - Renesas Technology Corp HD6432351 Datasheet HTML 852Page - Renesas Technology Corp HD6432351 Datasheet HTML 853Page - Renesas Technology Corp HD6432351 Datasheet HTML 854Page - Renesas Technology Corp HD6432351 Datasheet HTML 855Page - Renesas Technology Corp HD6432351 Datasheet HTML 856Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 852 / 1025 page
background image
Appendix B Internal I/O Register
Rev. 3.00 Sep 15, 2006 page 818 of 988
REJ09B0330-0300
TCR3—Timer Control Register 3
H'FE80
TPU3
7
CCLR2
0
R/W
6
CCLR1
0
R/W
5
CCLR0
0
R/W
4
CKEG1
0
R/W
3
CKEG0
0
R/W
0
TPSC0
0
R/W
2
TPSC2
0
R/W
1
TPSC1
0
R/W
Bit
Initial value
Read/Write
:
:
:
TCNT clearing disabled
TCNT cleared by TGRA compare match/input capture
TCNT cleared by TGRB compare match/input capture
TCNT clearing disabled
TCNT cleared by TGRC compare match/input capture*
2
TCNT cleared by TGRD compare match/input capture*
2
Counter Clear
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Clock Edge
0
1
—
Count at rising edge
Count at falling edge
Count at both edges
Internal clock: counts on
φ/1
Internal clock: counts on
φ/4
Internal clock: counts on
φ/16
Internal clock: counts on
φ/64
External clock: counts on TCLKA pin input
Internal clock: counts on
φ/1024
Internal clock: counts on
φ/256
Internal clock: counts on
φ/4096
Timer Prescaler
0
1
0
1
0
1
0
1
0
1
0
1
0
1
TCNT cleared by counter clearing for another channel
performing synchronous clearing/synchronous operation*
1
TCNT cleared by counter clearing for another channel
performing synchronous clearing/synchronous operation*
1
Notes: 1.
2.
Synchronous operation setting is performed by setting the SYNC
bit in TSYR to 1.
When TGRC or TGRD is used as a buffer register, TCNT is not
cleared because the buffer register setting has priority, and
compare match/input capture does not occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com