Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6432351 Datasheet(PDF) 854 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 854 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 850Page - Renesas Technology Corp HD6432351 Datasheet HTML 851Page - Renesas Technology Corp HD6432351 Datasheet HTML 852Page - Renesas Technology Corp HD6432351 Datasheet HTML 853Page - Renesas Technology Corp HD6432351 Datasheet HTML 854Page - Renesas Technology Corp HD6432351 Datasheet HTML 855Page - Renesas Technology Corp HD6432351 Datasheet HTML 856Page - Renesas Technology Corp HD6432351 Datasheet HTML 857Page - Renesas Technology Corp HD6432351 Datasheet HTML 858Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 854 / 1025 page
background image
Appendix B Internal I/O Register
Rev. 3.00 Sep 15, 2006 page 820 of 988
REJ09B0330-0300
TIOR3H—Timer I/O Control Register 3H
H'FE82
TPU3
0
1
TGR3B I/O Control
0
1
0
1
0
1
0
1
0
1
*
0
1
0
1
0
1
0
1
0
1
*
*
0
1
TGR3A
is output
compare
register
TGR3A I/O Control
0
1
0
1
0
1
0
1
0
1
*
0
1
0
1
0
1
0
1
0
1
*
*
Output disabled
0 output at compare match
1 output at compare match
Toggle output at compare match
0 output at compare match
1 output at compare match
Toggle output at compare match
Input capture at rising edge
Input capture at falling edge
Input capture at both edges
Legend: *: Don’t care
7
IOB3
0
R/W
6
IOB2
0
R/W
5
IOB1
0
R/W
4
IOB0
0
R/W
3
IOA3
0
R/W
0
IOA0
0
R/W
2
IOA2
0
R/W
1
IOA1
0
R/W
Bit
Initial value
Read/Write
:
:
:
TGR3A
is input
capture
register
Initial output is
0 output
Output disabled
Initial output is
1 output
Capture input
source is
TIOCA3 pin
Capture input
source is channel
4/count clock
Input capture at TCNT4 count-up/
count-down
TGR3B
is output
compare
register
Output disabled
0 output at compare match
1 output at compare match
Toggle output at compare match
0 output at compare match
1 output at compare match
Toggle output at compare match
Input capture at rising edge
Input capture at falling edge
Input capture at both edges
TGR3B
is input
capture
register
Initial output is
0 output
Output disabled
Initial output is 1
output
Capture input
source is
TIOCB3 pin
Capture input
source is channel
4/count clock
Input capture at TCNT4 count-up/
count-down*1
Note: 1. If bits TPSC2 to TPSC0 in TCR4 are set to B'000, and
φ/1 is used as the
TCNT4 count clock, this setting will be invalid and input capture will not
occur.
Legend: *: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com