Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6432351 Datasheet(PDF) 855 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 855 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 851Page - Renesas Technology Corp HD6432351 Datasheet HTML 852Page - Renesas Technology Corp HD6432351 Datasheet HTML 853Page - Renesas Technology Corp HD6432351 Datasheet HTML 854Page - Renesas Technology Corp HD6432351 Datasheet HTML 855Page - Renesas Technology Corp HD6432351 Datasheet HTML 856Page - Renesas Technology Corp HD6432351 Datasheet HTML 857Page - Renesas Technology Corp HD6432351 Datasheet HTML 858Page - Renesas Technology Corp HD6432351 Datasheet HTML 859Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 855 / 1025 page
background image
Appendix B Internal I/O Register
Rev. 3.00 Sep 15, 2006 page 821 of 988
REJ09B0330-0300
TIOR3L—Timer I/O Control Register 3L
H'FE83
TPU3
0
1
TGR3D I/O Control
0
1
0
1
0
1
0
1
0
1
*
0
1
0
1
0
1
0
1
0
1
*
*
0
1
TGR3C
is output
compare
register
TRG3C I/O Control
0
1
0
1
0
1
0
1
0
1
*
0
1
0
1
0
1
0
1
0
1
*
*
Output disabled
0 output at compare match
1 output at compare match
Toggle output at compare match
Notes:
Note: When the BFA bit in TMDR3 is set to 1 and TGR3C is used as a buffer
register, this setting is invalid and input capture/output compare is not
generated.
Note: When TGRC or TGRD is designated for buffer operation, this setting is invalid and the register operates as a buffer register.
7
IOD3
0
R/W
6
IOD2
0
R/W
5
IOD1
0
R/W
4
IOD0
0
R/W
3
IOC3
0
R/W
0
IOC0
0
R/W
2
IOC2
0
R/W
1
IOC1
0
R/W
Bit
Initial value
Read/Write
:
:
:
Initial output is
0 output
Output disabled
0 output at compare match
1 output at compare match
Toggle output at compare match
Initial output is 1
output
Input capture at rising edge
Input capture at falling edge
Input capture at both edges
Capture input
source is
TIOCC3 pin
TGR3C
is input
capture
register
Capture input
source is channel
4/count clock
Input capture at TCNT4 count-up/
count-down
TGR3D
is output
compare
register
Output disabled
0 output at compare match
1 output at compare match
Toggle output at compare match
Initial output is 0
output
Output disabled
0 output at compare match
1 output at compare match
Toggle output at compare match
Initial output is 1
output
Input capture at rising edge
Input capture at falling edge
Input capture at both edges
Capture input
source is
TIOCD3 pin
TGR3D
is input
capture
register*2
Capture input
source is channel
4/count clock
Input capture at TCNT4 count-up/
count-down*1
1. When bits TPSC2 to TPSC0 in TCR4 are set to B'000 and
φ/1 is used as the TCNT4 count clock,
this setting is invalid and input capture is not generated.
2. When the BFB bit in TMDR3 is set to 1 and TGR3D is used as a buffer register, this setting is invalid
and input capture/output compare is not generated.
Legend: *: Don’t care
Legend: *: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com