Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2233 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # H8S2233
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
PDF  1071 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2233 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button H8S2233 Datasheet HTML 35Page - Renesas Technology Corp H8S2233 Datasheet HTML 36Page - Renesas Technology Corp H8S2233 Datasheet HTML 37Page - Renesas Technology Corp H8S2233 Datasheet HTML 38Page - Renesas Technology Corp H8S2233 Datasheet HTML 39Page - Renesas Technology Corp H8S2233 Datasheet HTML 40Page - Renesas Technology Corp H8S2233 Datasheet HTML 41Page - Renesas Technology Corp H8S2233 Datasheet HTML 42Page - Renesas Technology Corp H8S2233 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 1071 page
background image
Rev. 5.00 Aug 08, 2006 page xxxix of lxxxvi
Item
Page
Revision (See Manual for Details)
741
Figure 20.12 amended
tse: Wait 10 ms*
5
n
≥100?*
5
20.8.2 Erase/Erase-Verify
Figure 20.12 Erase/Erase-
Verify Flowchart
Note 5 added
Note: 5. This is a recommended value. To change it, consult
tables 27.12, 27.25, 27.37, 27.49, and 27.59 and select a
new value such that the erase time (tE), wait time after E1 bit
setting (tse), and maximum erase count (N) do not exceed
the maximum values indicated.
744
Figure 20.13 amended
FP-100B*
3
TFP-100G*
4
TBP-112A*
5
20.11 Programmer Mode
Figure 20.13 Socket
Adapter Pin Correspondence
Diagram
Notes amended
Notes: 1. Supported only by the H8S/2258 and H8S/2238B.
2. Supported only by the H8S/2238R.
3. Not supported by the H8S/2227.
4. Not supported by the H8S/2258.
5. Supported only by the H8S/2238R and H8S/2239.
20.13 Flash Memory
Programming and Erasing
Precautions
Figure 20.14 Power-On/Off
Timing (Boot Mode)
748
Figure 20.14 amended
MD2 to MD0*
1
Figure 20.15 Power-On/Off
Timing (User Program Mode)
749
Figure 20.15 amended
MD2 to MD0*
1
Figure 20.16 Mode
Transition Timing (Example:
Boot Mode
→User
Mode
↔User Program Mode)
750
Figure 20.16 amended
MD2 to MD0
21.1 Features
753
• Size
HD6432236BW and HD6432238RW added
Product Class
ROM Size
ROM Address (Modes 6 and 7)
H8S/2238 Group
HD6432238B
256 kbytes
H'000000 to H'03FFFF
HD6432236B
128 kbytes
H'000000 to H'01FFFF
HD6432238R
256 kbytes
H'000000 to H'03FFFF
HD6432236R
128 kbytes
H'000000 to H'01FFFF
HD6432238BW
256 kbytes
H'000000 to H'03FFFF
HD6432236BW
128 kbytes
H'000000 to H'01FFFF
HD6432238RW
256 kbytes
H'000000 to H'03FFFF
HD6432236RW
128 kbytes
H'000000 to H'03FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com