Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2233 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # H8S2233
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
PDF  1071 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2233 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button H8S2233 Datasheet HTML 9Page - Renesas Technology Corp H8S2233 Datasheet HTML 10Page - Renesas Technology Corp H8S2233 Datasheet HTML 11Page - Renesas Technology Corp H8S2233 Datasheet HTML 12Page - Renesas Technology Corp H8S2233 Datasheet HTML 13Page - Renesas Technology Corp H8S2233 Datasheet HTML 14Page - Renesas Technology Corp H8S2233 Datasheet HTML 15Page - Renesas Technology Corp H8S2233 Datasheet HTML 16Page - Renesas Technology Corp H8S2233 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 1071 page
background image
Rev. 5.00 Aug 08, 2006 page xiii of lxxxvi
Item
Page
Revision (See Manual for Details)
9.2.7 DTC Enable Registers
A to G, and I
286,
287
Section 9.2.7 description replaced and bit table amended
9.2.7
DTC Enable Registers A to G, and I (DTCERA to DTCERG, and DTCERI)
DTCER is a set of registers to specify the DTC activation interrupt source, and comprised of eight
registers; DTCERA to DTCERG, and DTCERI. The correspondence between interrupt sources
and DTCE bits, and vector numbers generated by the interrupt controller are shown in table 9.2.
For DTCE bit setting, use bit manipulation instructions such as BSET and BCLR for reading and
writing. When multiple activation sources are to be set at one time, only at the initial setting,
writing data is enabled after executing a dummy read on the relevant register with all the interrupt
being masked.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
DTCEn7
DTCEn6
DTCEn5
DTCEn4
DTCEn3
DTCEn2
DTCEn1
DTCEn0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DTC Activation Enable
0: Disables an interrupt for DTC activation.
1: Specifies a relevant interrupt source as a DTC
activation source.
[Clearing conditions]
• When the DISEL bit is 1 and the data transfer
has ended
• When the specified number of transfers have
ended
[Retaining condition]
When the DISEL bit is 0 and the specified number
of transfers have not been completed
Note:
n = A to G, and I
9.2.8 DTC Vector Register
(DTVECR)
288
Bit table amended
Bit
Bit Name
Initial
Value
R/W
Description
7SWDTE
0
R/W
DTC Software Activation Enable
Enables or disables the DTC software activation.
0: Disables the DTC software activation.
1: Enables the DTC software activation.
[Clearing conditions]
• When the DISEL bit is 0 and the specified
number of transfers have not ended
• When 0 is written to the DISEL bit after a
software-activated data transfer end interrupt
(SWDTEND) request has been sent to the CPU.
[Retaining conditions]
• When the DISEL bit is 1 and data transfer has
ended
• When the specified number of transfers have
ended
• When the software-activated data transfer is in
process
9.4 Location of Register
Information and DTC Vector
Table
Table 9.2 Interrupt Sources,
DTC Vector Addresses, and
Corresponding DTCEs
293
DTCE description of IERxI (RxRDY) and IETxI (TxRDY)
amended
DTCEG6 DTCEG5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com