Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3024 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # H8/3024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button H8/3024 Datasheet HTML 75Page - Renesas Technology Corp H8/3024 Datasheet HTML 76Page - Renesas Technology Corp H8/3024 Datasheet HTML 77Page - Renesas Technology Corp H8/3024 Datasheet HTML 78Page - Renesas Technology Corp H8/3024 Datasheet HTML 79Page - Renesas Technology Corp H8/3024 Datasheet HTML 80Page - Renesas Technology Corp H8/3024 Datasheet HTML 81Page - Renesas Technology Corp H8/3024 Datasheet HTML 82Page - Renesas Technology Corp H8/3024 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 841 page
background image
Section 2 CPU
Rev. 2.00 Sep 20, 2005 page 41 of 800
REJ09B0260-0200
op
NOP, RTS, etc.
op
rn
rm
op
rn
rm
EA (disp)
Operation field only
ADD.B Rn, Rm, etc.
Operation field and register fields
MOV.B @(d:16, Rn), Rm
Operation field, register fields, and effective address extension
BRA d:8
Operation field, effective address extension, and condition field
op
cc
EA (disp)
Figure 2.9 Instruction Formats
2.6.5
Notes on Use of Bit Manipulation Instructions
The BSET, BCLR, BNOT, BST, and BIST instructions read a byte of data, modify a bit in the
byte, then write the byte back. Care is required when these instructions are used to access registers
with write-only bits, or to access ports.
Step
Description
1
Read
Read one data byte at the specified address
2
Modify
Modify one bit in the data byte
3
Write
Write the modified data byte back to the specified address
Example 1: BCLR is executed to clear bit 0 in the port 4 data direction register (P4DDR) under
the following conditions.
P47, P46:
Input pins
P45 – P40: Output pins
The intended purpose of this BCLR instruction is to switch P40 from output to input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com