Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3024 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # H8/3024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button H8/3024 Datasheet HTML 76Page - Renesas Technology Corp H8/3024 Datasheet HTML 77Page - Renesas Technology Corp H8/3024 Datasheet HTML 78Page - Renesas Technology Corp H8/3024 Datasheet HTML 79Page - Renesas Technology Corp H8/3024 Datasheet HTML 80Page - Renesas Technology Corp H8/3024 Datasheet HTML 81Page - Renesas Technology Corp H8/3024 Datasheet HTML 82Page - Renesas Technology Corp H8/3024 Datasheet HTML 83Page - Renesas Technology Corp H8/3024 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 841 page
background image
Section 2 CPU
Rev. 2.00 Sep 20, 2005 page 42 of 800
REJ09B0260-0200
Before Execution of BCLR Instruction
P47
P46
P45
P44
P43
P42
P41
P40
Input/output
Input
Input
Output
Output
Output
Output
Output
Output
DDR
00
11
11
11
Execution of BCLR Instruction
BCLR #0, P4DDR
; Execute BCLR instruction on DDR
After Execution of BCLR Instruction
P47
P46
P45
P44
P43
P42
P41
P40
Input/output
Output
Output
Output
Output
Output
Output
Output
Input
DDR
1
1
11
11
1
0
Explanation: To execute the BCLR instruction, the CPU begins by reading P4DDR. Since
P4DDR is a write-only register, it is read as H'FF, even though its true value is H'3F.
Next the CPU clears bit 0 of the read data, changing the value to H'FE.
Finally, the CPU writes this value (H'FE) back to P4DDR to complete the BCLR instruction.
As a result, P40DDR is cleared to 0, making P40 an input pin. In addition, P47DDR and P46DDR
are set to 1, making P47 and P46 output pins.
The BCLR instruction can be used to clear flags in the on-chip registers to 0. In the case of the
IRQ status register (ISR), for example, a flag must be read as a condition for clearing it, but when
using the BCLR instruction, if it is known that a flag has been set to 1 in an interrupt-handling
routine, for instance, it is not necessary to read the flag ahead of time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com