Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO35DWRG4 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISO35DWRG4
Description  ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISO35DWRG4 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISO35DWRG4 Datasheet HTML 5Page - Renesas Technology Corp ISO35DWRG4 Datasheet HTML 6Page - Renesas Technology Corp ISO35DWRG4 Datasheet HTML 7Page - Renesas Technology Corp ISO35DWRG4 Datasheet HTML 8Page - Renesas Technology Corp ISO35DWRG4 Datasheet HTML 9Page - Renesas Technology Corp ISO35DWRG4 Datasheet HTML 10Page - Renesas Technology Corp ISO35DWRG4 Datasheet HTML 11Page - Renesas Technology Corp ISO35DWRG4 Datasheet HTML 12Page - Renesas Technology Corp ISO35DWRG4 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DEVICE INFORMATION
PACKAGE CHARACTERISTICS
ISO15
ISO35
www.ti.com................................................................................................................................................................ SLOS580B – MAY 2008 – REVISED JULY 2008
Table 1. Driver Function Table
ENABLE
INPUT
INPUT
OUTPUTS
(D)
VCC1
VCC2
(DE)
A or Y
B or Z
PU
PU
H
H
H
L
PU
PU
L
H
L
H
PU
PU
X
L
Z
Z
PU
PU
X
OPEN
Z
Z
PU
PU
OPEN
H
H
L
PD
PU
X
X
Z
Z
PU
PD
X
X
Z
Z
PD
PD
X
X
Z
Z
Table 2. Receiver Function Table
DIFFERENTIAL INPUT
ENABLE
OUTPUT
VCC1
VCC2
VID = (VA – VB)
(RE)
(R)
PU
PU
–0.01 V
≤ VID
L
H
PU
PU
–0.2 V < VID < –0.01 V
L
?
PU
PU
VID ≤ –0.2 V
L
L
PU
PU
X
H
Z
PU
PU
X
OPEN
Z
PU
PU
Open circuit
L
H
PU
PU
Short Circuit
L
H
PU
PU
Idle (terminated) bus
L
H
PD
PU
X
X
Z
PU
PD
X
L
H
over recommended operating conditions (unless otherwise noted)
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
L(I01)
Minimum air gap (Clearance)
Shortest terminal to terminal distance through air
8.34
mm
Shortest terminal to terminal distance across the
L(I02)
Minimum external tracking (Creepage)
8.1
mm
package surface
Tracking resistance (Comparative Tracking
CTI
DIN IEC 60112 / VDE 0303 Part 1
≥175
V
Index)
Minimum Internal Gap (Internal Clearance)
Distance through the insulation
0.008
mm
Input to output, VIO = 500 V, all pins on each
RIO
Isolation resistance
side of the barrier tied together creating a
>1012
Ω
two-terminal device
CIO
Barrier capacitance Input to output
VI = 0.4 sin (4E6πt)
2
pF
CI
Input capacitance to ground
VI = 0.4 sin (4E6πt)
2
pF
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application. Care
should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on
the printed circuit board do not reduce this distance.
Creepage and clearance on a printed circuit board become equal according to the measurement techniques shown in the Isolation
Glossary. Techniques such as inserting grooves and/or ribs on a printed circuit board are used to help increase these specifications.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ISO15 ISO35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com