Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO35DWRG4 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISO35DWRG4
Description  ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISO35DWRG4 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISO35DWRG4 Datasheet HTML 1Page - Renesas Technology Corp ISO35DWRG4 Datasheet HTML 2Page - Renesas Technology Corp ISO35DWRG4 Datasheet HTML 3Page - Renesas Technology Corp ISO35DWRG4 Datasheet HTML 4Page - Renesas Technology Corp ISO35DWRG4 Datasheet HTML 5Page - Renesas Technology Corp ISO35DWRG4 Datasheet HTML 6Page - Renesas Technology Corp ISO35DWRG4 Datasheet HTML 7Page - Renesas Technology Corp ISO35DWRG4 Datasheet HTML 8Page - Renesas Technology Corp ISO35DWRG4 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
SUPPLY CURRENT
ISO15
ISO35
SLOS580B – MAY 2008 – REVISED JULY 2008................................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
VALUE
UNIT
VCC
Input supply voltage. (2) VCC1, VCC2
–0.3 to 6
V
VO
Voltage at any bus I/O terminal
–9 to 14
V
VIT
Voltage input, transient pulse, A, B, Y, and Z (through 100
Ω, see Figure 11)
–50 to 50
V
VI
Voltage input at any D, DE or RE terminal
–0.5 to 7
V
IO
Receiver output current
±10
mA
Bus pins and GND1
±6
JEDEC Standard 22,
Human Body Model
Bus pins and GND2
±16
kV
Test Method A114-C.01
All pins
±4
Electrostatic
ESD
discharge
JEDEC Standard 22,
kV
Charged Device
±1
Model
Test Method C101
All pins
Machine Model
ANSI/ESDS5.2-1996
±200
V
TJ
Maximum junction temperature
170
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to network ground terminal and are peak voltage values
MIN
TYP
MAX
UNIT
VCC
Supply Voltage, VCC1, VCC2
3.15
3.3
3.6
V
VOC
Voltage at either bus I/O terminal
A, B
–7
12
V
VIH
High-level input voltage
2
VCC
D, DE, RE
V
VIL
Low-level input voltage
0
0.8
VID
Differential input voltage
A with respect to B
–12
12
V
RL
Differential input resistance
54
60
Ω
Driver
–60
60
IO
Output current
mA
Receiver
–8
8
TJ
Operating junction temperature
–40
150
°C
over recommended operating condition (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RE at 0 V or Vcc, DE at 0 V, No load (driver disabled)
8
ISO35
mA
RE at 0 V or Vcc, DE at VCC, No Load (driver enabled)
8
Logic-side supply
ICC1
current
RE at 0 V or Vcc, DE at 0 V, No load (driver disabled)
8
ISO15
mA
RE at 0 V or Vcc, DE at VCC, No Load (driver enabled)
8
RE at 0 V or Vcc, DE at 0 V, No load (driver disabled)
15
ISO35
mA
RE at 0 V or Vcc, DE at VCC, No Load (driver enabled)
19
Bus-side supply
ICC2
current
RE at 0 V or Vcc, DE at 0 V, No load (driver disabled)
15
ISO15
mA
RE at 0 V or Vcc, DE at VCC, No Load (driver enabled)
19
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ISO15 ISO35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com