Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3024F Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 30Page - Renesas Technology Corp H8/3024F Datasheet HTML 31Page - Renesas Technology Corp H8/3024F Datasheet HTML 32Page - Renesas Technology Corp H8/3024F Datasheet HTML 33Page - Renesas Technology Corp H8/3024F Datasheet HTML 34Page - Renesas Technology Corp H8/3024F Datasheet HTML 35Page - Renesas Technology Corp H8/3024F Datasheet HTML 36Page - Renesas Technology Corp H8/3024F Datasheet HTML 37Page - Renesas Technology Corp H8/3024F Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 841 page
background image
Rev. 2.00 Sep 20, 2005 page xxxiv of xxxviii
Section 6 Bus Controller
Table 6.1
Bus Controller Pins.............................................................................................. 111
Table 6.2
Bus Controller Registers...................................................................................... 112
Table 6.3
Bus Specifications for Each Area (Basic Bus Interface) ..................................... 128
Table 6.4
Data Buses Used and Valid Strobes..................................................................... 133
Table 6.5
Pin States in Idle Cycle........................................................................................ 146
Section 7 I/O Ports
Table 7.1
Port Functions...................................................................................................... 151
Table 7.2
Port 1 Registers.................................................................................................... 156
Table 7.3
Port 2 Registers.................................................................................................... 159
Table 7.4
Input Pull-Up Transistor States (Port 2) .............................................................. 161
Table 7.5
Port 3 Registers.................................................................................................... 162
Table 7.6
Port 4 Registers.................................................................................................... 165
Table 7.7
Input Pull-Up Transistor States (Port 4) .............................................................. 167
Table 7.8
Port 5 Registers.................................................................................................... 168
Table 7.9
Input Pull-Up Transistor States (Port 5) .............................................................. 170
Table 7.10
Port 6 Registers.................................................................................................... 172
Table 7.11
Port 6 Pin Functions in Modes 1 to 5................................................................... 174
Table 7.12
Port 7 Data Register............................................................................................. 176
Table 7.13
Port 8 Registers.................................................................................................... 177
Table 7.14
Port 8 Pin Functions in Modes 1 to 5................................................................... 180
Table 7.15
Port 8 Pin Functions in Modes 6 and 7 ................................................................ 181
Table 7.16
Port 9 Registers.................................................................................................... 183
Table 7.17
Port 9 Pin Functions............................................................................................. 185
Table 7.18
Port A Registers................................................................................................... 189
Table 7.19
Port A Pin Functions (Modes 1, 2, 6, and 7)........................................................ 191
Table 7.20
Port A Pin Functions (Modes 3 to 5) ................................................................... 193
Table 7.21
Port A Pin Functions (Modes 1 to 7) ................................................................... 196
Table 7.22
Port B Registers ................................................................................................... 201
Table 7.23
Port B Pin Functions (Modes 1 to 5) ................................................................... 203
Table 7.24
Port B Pin Functions (Modes 6 and 7)................................................................. 205
Section 8 16-Bit Timer
Table 8.1
16-bit timer Functions.......................................................................................... 208
Table 8.2
16-bit timer Pins .................................................................................................. 212
Table 8.3
16-bit timer Registers .......................................................................................... 213
Table 8.4
PWM Output Pins and Registers ......................................................................... 249
Table 8.5
Up/Down Counting Conditions ........................................................................... 253
Table 8.6
16-bit timer Interrupt Sources.............................................................................. 258
Table 8.7 (a) 16-bit timer Operating Modes (Channel 0).......................................................... 268



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com