Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3024F Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 47Page - Renesas Technology Corp H8/3024F Datasheet HTML 48Page - Renesas Technology Corp H8/3024F Datasheet HTML 49Page - Renesas Technology Corp H8/3024F Datasheet HTML 50Page - Renesas Technology Corp H8/3024F Datasheet HTML 51Page - Renesas Technology Corp H8/3024F Datasheet HTML 52Page - Renesas Technology Corp H8/3024F Datasheet HTML 53Page - Renesas Technology Corp H8/3024F Datasheet HTML 54Page - Renesas Technology Corp H8/3024F Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 841 page
background image
Section 1 Overview
Rev. 2.00 Sep 20, 2005 page 13 of 800
REJ09B0260-0200
Pin No.
Type
Symbol
FP-100B
TFP-100B FP-100A I/O
Name and Function
D/A
converter
DA1, DA0 85, 84
87, 86
Output Analog output: Analog output from the
D/A converter
Analog
power
supply
AVCC
76
78
Input
Power supply pin for the A/D and D/A
converters. Connect to the system power
supply when not using the A/D and D/A
converters.
AVSS
86
88
Input
Ground pin for the A/D and D/A converters.
Connect to system ground (0 V).
Analog
power
supply
VREF
77
79
Input
Reference voltage input pin for the A/D and
D/A converters. Connect to the system power
supply when not using the A/D and
D/A converters.
I/O ports
P17 to P10 43 to 36
45 to 38 Input/
output
Port 1: Eight input/output pins. The direction
of each pin can be selected in the port 1 data
direction register (P1DDR).
P27 to P20 52 to 45
54 to 47 Input/
output
Port 2: Eight input/output pins. The direction
of each pin can be selected in the port 2 data
direction register (P2DDR).
P37 to P30 34 to 27
36 to 29 Input/
output
Port 3: Eight input/output pins. The direction
of each pin can be selected in the port 3 data
direction register (P3DDR).
P47 to P40 26 to 23,
21 to 18
28 to 25,
23 to 20
Input/
output
Port 4: Eight input/output pins. The direction
of each pin can be selected in the port 4 data
direction register (P4DDR).
P53 to P50 56 to 53
58 to 55 Input/
output
Port 5: Four input/output pins. The direction
of each pin can be selected in the port 5 data
direction register (P5DDR).
P67 to P60 61,
72 to 69,
60 to 58
63,
74 to 71,
62 to 60
Input/
output
Port 6: Eight input/output pins. The direction
of each pin can be selected in the port 6 data
direction register (P6DDR).
P77 to P70 85 to 78
87 to 80 Input
Port 7: Eight input pins
P84 to P80 91 to 87
93 to 89 Input/
output
Port 8: Five input/output pins. The direction of
each pin can be selected in the port 8 data
direction register (P8DDR).
P95 to P90 17 to 12
19 to 14 Input/
output
Port 9: Six input/output pins. The direction of
each pin can be selected in the port 9 data
direction register (P9DDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com