Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3024F Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 97Page - Renesas Technology Corp H8/3024F Datasheet HTML 98Page - Renesas Technology Corp H8/3024F Datasheet HTML 99Page - Renesas Technology Corp H8/3024F Datasheet HTML 100Page - Renesas Technology Corp H8/3024F Datasheet HTML 101Page - Renesas Technology Corp H8/3024F Datasheet HTML 102Page - Renesas Technology Corp H8/3024F Datasheet HTML 103Page - Renesas Technology Corp H8/3024F Datasheet HTML 104Page - Renesas Technology Corp H8/3024F Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 841 page
background image
Section 3 MCU Operating Modes
Rev. 2.00 Sep 20, 2005 page 63 of 800
REJ09B0260-0200
3.4.3
Mode 3
Ports 1, 2, and 5 and part of port A function as address pins A23 to A0, permitting access to a
maximum 16-Mbyte address space. The initial bus mode after a reset is 8 bits, with 8-bit access to
all areas. If at least one area is designated for 16-bit access in ABWCR, the bus mode switches to
16 bits. A23 to A21 are valid when 0 is written in bits 7 to 5 of the bus release control register
(BRCR). (In this mode A20 is always used for address output.)
3.4.4
Mode 4
Ports 1, 2, and 5 and part of port A function as address pins A23 to A0, permitting access to a
maximum 16-Mbyte address space. The initial bus mode after a reset is 16 bits, with 16-bit access
to all areas. If all areas are designated for 8-bit access in ABWCR, the bus mode switches to
8 bits. A23 to A21 are valid when 0 is written in bits 7 to 5 of BRCR. (In this mode A20 is always
used for address output.)
3.4.5
Mode 5
Ports 1, 2, and 5 and part of port A can function as address pins A23 to A0, permitting access to a
maximum 16-Mbyte address space, but following a reset they are input ports. To use ports 1, 2,
and 5 as an address bus, the corresponding bits in their data direction registers (P1DDR, P2DDR,
and P5DDR) must be set to 1, setting ports 1, 2, and 5 to output mode. For A23 to A20 output, write
0 in bits 7 to 4 of BRCR. The versions with on-chip flash memory support an on-board
programming mode in which the flash memory can be programmed. The initial bus mode after a
reset is 8 bits, with 8-bit access to all areas. If at least one area is designated for 16-bit access in
ABWCR, the bus mode switches to 16 bits.
3.4.6
Mode 6
This mode operates using the on-chip ROM, RAM, and registers. All I/O ports are available.
Mode 6 supports a maximum address space of 64 kbytes.
3.4.7
Mode 7
This mode operates using the on-chip ROM, RAM, and registers. All I/O ports are available.
Mode 7 supports a 1-Mbyte address space.
The versions with on-chip flash memory support an on-board programming mode in which the
flash memory can be programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com