Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C23 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R8C23
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C23 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R8C23 Datasheet HTML 35Page - Renesas Technology Corp R8C23 Datasheet HTML 36Page - Renesas Technology Corp R8C23 Datasheet HTML 37Page - Renesas Technology Corp R8C23 Datasheet HTML 38Page - Renesas Technology Corp R8C23 Datasheet HTML 39Page - Renesas Technology Corp R8C23 Datasheet HTML 40Page - Renesas Technology Corp R8C23 Datasheet HTML 41Page - Renesas Technology Corp R8C23 Datasheet HTML 42Page - Renesas Technology Corp R8C23 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 549 page
background image
R8C/22 Group, R8C/23 Group
4. Special Function Registers (SFRs)
Rev.2.00 Aug 20, 2008
Page 19 of 501
REJ09B0251-0200
Table 4.5
SFR Information (5)(1)
X: Undefined
NOTE:
1.
The blank regions are reserved. Do not access locations in these regions.
Address
Register
Symbol
After reset
0100h
Timer RA Control Register
TRACR
00h
0101h
Timer RA I/O Control Register
TRAIOC
00h
0102h
Timer RA Mode Register
TRAMR
00h
0103h
Timer RA Prescaler Register
TRAPRE
FFh
0104h
Timer RA Register
TRA
FFh
0105h
0106h
LIN Control Register
LINCR
00h
0107h
LIN Status Register
LINST
00h
0108h
Timer RB Control Register
TRBCR
00h
0109h
Timer RB One-Shot Control Register
TRBOCR
00h
010Ah
Timer RB I/O Control Register
TRBIOC
00h
010Bh
Timer RB Mode Register
TRBMR
00h
010Ch
Timer RB Prescaler Register
TRBPRE
FFh
010Dh
Timer RB Secondary Register
TRBSC
FFh
010Eh
Timer RB Primary
TRBPR
FFh
010Fh
0110h
0111h
0112h
0113h
0114h
0115h
0116h
0117h
0118h
Timer RE Counter Data Register
TRESEC
00h
0119h
Timer RE Compare Data Register
TREMIN
00h
011Ah
011Bh
011Ch
Timer RE Control Register 1
TRECR1
00h
011Dh
Timer RE Control Register 2
TRECR2
00h
011Eh
Timer RE Count Source Select Register
TRECSR
00001000b
011Fh
0120h
0121h
0122h
0123h
0124h
0125h
0126h
0127h
0128h
0129h
012Ah
012Bh
012Ch
012Dh
012Eh
012Fh
0130h
0131h
0132h
0133h
0134h
0135h
0136h
0137h
Timer RD Start Register
TRDSTR
11111100b
0138h
Timer RD Mode Register
TRDMR
00001110b
0139h
Timer RD PWM Mode Register
TRDPMR
10001000b
013Ah
Timer RD Function Control Register
TRDFCR
10000000b
013Bh
Timer RD Output Master Enable Register 1
TRDOER1
FFh
013Ch
Timer RD Output Master Enable Register 2
TRDOER2
01111111b
013Dh
Timer RD Output Control Register
TRDOCR
00h
013Eh
Timer RD Digital Filter Function Select Register 0
TRDDF0
00h
013Fh
Timer RD Digital Filter Function Select Register 1
TRDDF1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com