Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C23 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R8C23
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C23 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R8C23 Datasheet HTML 45Page - Renesas Technology Corp R8C23 Datasheet HTML 46Page - Renesas Technology Corp R8C23 Datasheet HTML 47Page - Renesas Technology Corp R8C23 Datasheet HTML 48Page - Renesas Technology Corp R8C23 Datasheet HTML 49Page - Renesas Technology Corp R8C23 Datasheet HTML 50Page - Renesas Technology Corp R8C23 Datasheet HTML 51Page - Renesas Technology Corp R8C23 Datasheet HTML 52Page - Renesas Technology Corp R8C23 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 549 page
background image
R8C/22 Group, R8C/23 Group
5. Resets
Rev.2.00 Aug 20, 2008
Page 29 of 501
REJ09B0251-0200
Table 5.2 lists the Pin Functions after Reset, Figure 5.2 shows CPU Register Status after Reset, Figure 5.3 shows
Reset Sequence, and Figure 5.4 shows the OFS Register.
Figure 5.2
CPU Register Status after Reset
Table 5.2
Pin Functions after Reset
Pin Name
Pin Functions
P0, P1, P2
Input port
P3_0, P3_1, P3_3 to P3_5, P3_7 Input port
P4_2 to P4_7
Input port
P6
Input port
b19
b0
Interrupt table register (INTB)
Program counter (PC)
User stack pointer (USP)
Interrupt stack pointer (ISP)
Static base register (SB)
Content of addresses 0FFFEh to 0FFFCh
Flag register (FLG)
C
IPL
D
Z
S
B
O
I
U
b15
b0
b15
b0
b15
b0
b8
b7
b15
b0
0000h
0000h
0000h
0000h
0000h
0000h
0000h
Data register (R0)
Data register (R1)
Data register (R2)
Data register (R3)
Address register (A0)
Address register (A1)
Frame base register (FB)
00000h
0000h
0000h
0000h
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com