Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7065 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # SH7065
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7065 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button SH7065 Datasheet HTML 69Page - Renesas Technology Corp SH7065 Datasheet HTML 70Page - Renesas Technology Corp SH7065 Datasheet HTML 71Page - Renesas Technology Corp SH7065 Datasheet HTML 72Page - Renesas Technology Corp SH7065 Datasheet HTML 73Page - Renesas Technology Corp SH7065 Datasheet HTML 74Page - Renesas Technology Corp SH7065 Datasheet HTML 75Page - Renesas Technology Corp SH7065 Datasheet HTML 76Page - Renesas Technology Corp SH7065 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 941 page
background image
Section 2 CPU
Rev. 5.00 Sep 11, 2006 page 51 of 916
REJ09B0332-0500
MOV.L ModAddr,Rn; Rn=ModEnd, ModStart
LDC Rn,MOD;
ME=ModEnd, MS=ModStart
ModAddr:
.DATA.W
mEnd;
ModEnd
.DATA.W
mStart;
ModStart
ModStart:
.DATA
:
ModEnd:
.DATA
The start and end addresses are specified in MS and ME, then the DMX or DMY bit is set to 1.
The address register contents are compared with ME, and if they match, start address MS is stored
in the address register. The lower 16 bits of the address register are compared with ME.
The maximum modulo size is 64 kbytes. This is sufficient to access the X and Y memory. A block
diagram of modulo addressing is shown in figure 2.11.
Instruction (MOVX/MOVY)
DMX
CONT
MS
CMP
ME
ALU
AU
ABx
ABy
R4[Ax]
R6[Ay]
R5[Ax]
R7[Ay]
R8[Ix]
R9[Iy]
DMY
31
0
0
0
0
1
1
16
16
15
15
15
31
31
31
+2
+0
+2
+0
15
15
1
1
XAB
YAB
15
Figure 2.11 Modulo Addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com