Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7065 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7065
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7065 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7065 Datasheet HTML 82Page - Renesas Technology Corp SH7065 Datasheet HTML 83Page - Renesas Technology Corp SH7065 Datasheet HTML 84Page - Renesas Technology Corp SH7065 Datasheet HTML 85Page - Renesas Technology Corp SH7065 Datasheet HTML 86Page - Renesas Technology Corp SH7065 Datasheet HTML 87Page - Renesas Technology Corp SH7065 Datasheet HTML 88Page - Renesas Technology Corp SH7065 Datasheet HTML 89Page - Renesas Technology Corp SH7065 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 941 page
background image
Section 2 CPU
Rev. 5.00 Sep 11, 2006 page 64 of 916
REJ09B0332-0500
Type
Kinds of
Instruction
Op Code
Function
Number of
Instructions
EXTS
Sign extension
33
EXTU
Zero extension
MAC
Multiply and accumulate, double-
precision multiply and accumulate
MUL
Double-precision multiplication
MULS
Signed multiplication
MULU
Unsigned multiplication
NEG
Sign inversion
NEGC
Sign inversion with borrow
SUB
Binary subtraction
SUBC
Binary subtraction with borrow
Arithmetic
operation
instructions
21
SUBV
Binary subtraction with underflow
6
AND
Logical AND
14
NOT
Bit inversion
OR
Logical OR
TAS
Memory test and bit set
TST
Logical AND T bit state
Logic operation
instructions
XOR
Exclusive logical OR
10
ROTCL
1-bit left shift with T bit
14
ROTCR
1-bit right shift with T bit
ROTL
1-bit left shift
ROTR
1-bit right shift
SHAL
Arithmetic 1-bit left shift
SHAR
Arithmetic 1-bit right shift
SHLL
Logical 1-bit left shift
SHLLn
Logical n-bit left shift
SHLR
Logical 1-bit right shift
Shift
instructions
SHLRn
Logical n-bit right shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com