Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7205 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 17Page - Renesas Technology Corp SH7205 Datasheet HTML 18Page - Renesas Technology Corp SH7205 Datasheet HTML 19Page - Renesas Technology Corp SH7205 Datasheet HTML 20Page - Renesas Technology Corp SH7205 Datasheet HTML 21Page - Renesas Technology Corp SH7205 Datasheet HTML 22Page - Renesas Technology Corp SH7205 Datasheet HTML 23Page - Renesas Technology Corp SH7205 Datasheet HTML 24Page - Renesas Technology Corp SH7205 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 1904 page
background image
Rev. 1.00 Mar. 25, 2008 Page xxi of xxxii
16.6
Usage Notes ....................................................................................................................... 795
16.6.1 SCFTDR Writing and TDFE Flag ........................................................................ 795
16.6.2 SCFRDR Reading and RDF Flag ......................................................................... 795
16.6.3 Restriction on DMAC Usage ................................................................................ 796
16.6.4 Break Detection and Processing ........................................................................... 796
16.6.5 Sending a Break Signal......................................................................................... 796
16.6.6 Receive Data Sampling Timing and Receive Margin (Asynchronous Mode) ...... 796
16.6.7 Selection of Base Clock in Asynchronous Mode.................................................. 798
Section 17 Synchronous Serial Communication Unit (SSU) ............................799
17.1
Features.............................................................................................................................. 799
17.2
Input/Output Pins ...............................................................................................................801
17.3
Register Descriptions ......................................................................................................... 802
17.3.1 SS Control Register H (SSCRH) .......................................................................... 803
17.3.2 SS Control Register L (SSCRL) ........................................................................... 805
17.3.3 SS Mode Register (SSMR) ................................................................................... 806
17.3.4 SS Enable Register (SSER) .................................................................................. 807
17.3.5 SS Status Register (SSSR) .................................................................................... 808
17.3.6 SS Control Register 2 (SSCR2) ............................................................................ 812
17.3.7 SS Transmit Data Registers 0 to 3 (SSTDR0 to SSTDR3)................................... 813
17.3.8 SS Receive Data Registers 0 to 3 (SSRDR0 to SSRDR3) .................................... 814
17.3.9 SS Shift Register (SSTRSR) ................................................................................. 815
17.4
Operation ........................................................................................................................... 816
17.4.1 Transfer Clock ...................................................................................................... 816
17.4.2 Relationship of Clock Phase, Polarity, and Data .................................................. 816
17.4.3 Relationship between Data Input/Output Pins and Shift Register ........................ 817
17.4.4 Communication Modes and Pin Functions ........................................................... 819
17.4.5 SSU Mode............................................................................................................. 821
17.4.6
SCS Pin Control and Conflict Error...................................................................... 830
17.4.7 Clock Synchronous Communication Mode .......................................................... 831
17.5
SSU Interrupt Sources and DMAC .................................................................................... 838
17.6
Usage Note......................................................................................................................... 839
17.6.1 Module Standby Mode Setting ............................................................................. 839
17.6.2 Consecutive Data Transmission/Reception in SSU Slave Mode .......................... 839
Section 18 I
2C Bus Interface 3 (IIC3) ................................................................841
18.1
Features.............................................................................................................................. 841
18.2
Input/Output Pins ...............................................................................................................843
18.3
Register Descriptions ......................................................................................................... 844
18.3.1 I
2C Bus Control Register 1 (ICCR1)..................................................................... 845



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com