Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7205 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 24Page - Renesas Technology Corp SH7205 Datasheet HTML 25Page - Renesas Technology Corp SH7205 Datasheet HTML 26Page - Renesas Technology Corp SH7205 Datasheet HTML 27Page - Renesas Technology Corp SH7205 Datasheet HTML 28Page - Renesas Technology Corp SH7205 Datasheet HTML 29Page - Renesas Technology Corp SH7205 Datasheet HTML 30Page - Renesas Technology Corp SH7205 Datasheet HTML 31Page - Renesas Technology Corp SH7205 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 1904 page
background image
Rev. 1.00 Mar. 25, 2008 Page xxviii of xxxii
26.3.12 Operation Mode Setting Register for Blitter (GR_BLTMODE) ........................ 1361
26.3.13 Resize Display Setting Register for Graphics (GR_RISZSET) .......................... 1363
26.3.14 Resize Mode Select Register for Blitter (GR_RISZMOD)................................. 1365
26.3.15 Resize Delta Setting Register for Blitter (GR_DELT) ....................................... 1366
26.3.16 Resize Horizontal Starting Phase Register for Blitter (GR_HSPHAS) .............. 1368
26.3.17 Resize Vertical Starting Phase Register for Blitter (GR_VSPHAS)................... 1369
26.3.18 Resize Horizontal Delta Setting Register for Output Block (MGR_HDELT).... 1370
26.3.19 Resize Horizontal Starting Phase Register for Output Block (MGR_HPHAS).. 1371
26.3.20 Logical Operation Input Data Register for Blitter (GR_LGDAT) ...................... 1372
26.3.21 Chromakey Target Color Data Register for Blitter (GR_DETCOL) .................. 1373
26.3.22 Replacement Color Data Register for Blitter Blending (GR_BRDCOL) ........... 1374
26.3.23 Blend 1 Control Register for Blitter (GR_BRD1CNT) ...................................... 1375
26.3.24 Mixing Mode Setting Register for Output Block (MGR_MIXMODE).............. 1378
26.3.25 Panel-Output Horizontal Timing Setting Register for Output-Block
(MGR_MIXHTMG) ........................................................................................... 1381
26.3.26 Panel-Output Mixing Horizontal Valid Area Setting Register for Output
Block (MGR_MIXHS) ....................................................................................... 1382
26.3.27 Panel-Output Vertical Timing Setting Register for Output-Block
(MGR_MIXVTMG) ........................................................................................... 1383
26.3.28 Panel-Output Mixing Vertical Valid Area Setting Register for Output Block
(MGR_MIXVS).................................................................................................. 1384
26.3.29 Graphics Block Output SYNC Position Setting Register (GR_VSDLY) ........... 1385
26.3.30 Video DAC Timing Setting Register (VDAC_TMC) ........................................ 1386
26.4
Operation ......................................................................................................................... 1387
26.4.1 Input and Output Operations............................................................................... 1389
26.4.2 How to Use the DMA ......................................................................................... 1401
26.4.3 Blitter Operation ................................................................................................. 1406
26.4.4 Output Operations............................................................................................... 1458
26.4.5 Interrupts............................................................................................................. 1463
26.5
Appendix. VIDEO OUT (D/A Converter)....................................................................... 1468
26.5.1 Analog Output Current ....................................................................................... 1468
26.5.2 Notes on Usage ................................................................................................... 1471
26.5.3 Application Example .......................................................................................... 1472
Section 27 Pin Function Controller (PFC) ...................................................... 1473
27.1
Features............................................................................................................................ 1481
27.2
Register Descriptions ....................................................................................................... 1482
27.2.1 Port A I/O Register L (PAIORL)........................................................................ 1484
27.2.2 Port A Control Registers L1 to L4 (PACRL1 to PACRL4)................................ 1484
27.2.3 Port B I/O Register H (PBIORH) ....................................................................... 1486



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com