Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7032 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 82Page - Renesas Technology Corp SH7032 Datasheet HTML 83Page - Renesas Technology Corp SH7032 Datasheet HTML 84Page - Renesas Technology Corp SH7032 Datasheet HTML 85Page - Renesas Technology Corp SH7032 Datasheet HTML 86Page - Renesas Technology Corp SH7032 Datasheet HTML 87Page - Renesas Technology Corp SH7032 Datasheet HTML 88Page - Renesas Technology Corp SH7032 Datasheet HTML 89Page - Renesas Technology Corp SH7032 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 687 page
background image
Section 4 Exception Handling
Rev. 7.00 Jan 31, 2006 page 60 of 658
REJ09BX0272-0700
Table 4.7
Interrupt Priority Rankings
Type
Priority
Comments
NMI
16
Fixed and unmaskable
User break
15
Fixed
IRQ and on-chip supporting
modules
0–15
Set in interrupt priority level registers A–E
(IPRA–IPRE)
4.4.3
Interrupt Exception Handling
When an interrupt is generated, the INTC ascertains the interrupt ranking. NMI is always
accepted, but other interrupts are only accepted if their ranking is higher than the ranking set in the
interrupt mask bits (I3–I0) of SR.
When an interrupt is accepted, interrupt exception handling begins. In the interrupt exception
handling sequence, the SR and PC values are pushed onto the stack, and the priority level of the
accepted interrupt is copied to the interrupt mask level bits (I3–I0) in SR. In NMI exception
handling, the priority ranking is 16 but the value 15 (H'F) is stored in I3–I0. The exception
handling routine start address for the accepted interrupt is fetched from the exception vector table
and the program branches to that address and starts executing. For further information on
interrupts, see section 5.4, Interrupt Operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com